Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0002 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 80KSW0002
Description  16-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0002 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 80KSW0002 Datasheet HTML 23Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 24Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 25Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 26Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 27Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 28Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 29Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 30Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
IDT80KSW0002
Datasheet
CPS-16 Datasheet
47
April 6, 2016
16 Reference Clock
The differential reference clock (REF_CLK+/-) is used to generate the sRIO PHY and internal clocks used in the CPS-16.
Reference Clock Electrical Specifications
The reference clock is 156.25 MHz, and is AC-coupled with the following electrical specifications:
Figure 18 REF_CLK Representative Circuit
Table 25 Input Reference Clock Jitter Specifications
The reference clock wander should not be more than 100ppm (for 156.25 MHz, this is +/-15.625 KHz). This requirement comes from the sRIO
specification that outgoing signals from separate links which belong to the same port should not be separated more than 100ppm.
Note that the series capacitors are discretes that must be placed external to the device’s receivers. All other elements are associated with the input
structure internal to the device. VBIAS is generated internally.
Name
Description
Min
Nom
Max
Units
REF_CLK
REF_CLK clock running at 156.25Mhz
-100
----
+100
ppm
Phase Jitter (rms)
Phase Jitter (rms) (1MHz - 20MHz)
-----
-----
2ps
tDUTY_REF
REF_CLK duty cycle
40
50
60
%
tRCLK/tFCLK
Input signal rise/fall time (20%-80%)
200
500
650
ps
vIN_CML
Differential peak-peak REF_CLK input swing
400
----
2400
mV
RL_CLK
Input termination resistance
40
50
60
ohm
LI_CLK
Input inductance
-----
-----
4nH
CI_CLK
Input capacitance
-----
-----
5pF
5686 drw07
REF_CLK_P
REF_CLK_N
REF_CLK
LI,CLK
CI,CLK
VBIAS,CLK
LI,CLK
CI,CLK
RL,CLK
RL,CLK
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com