Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPP02-M18 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TCPP02-M18
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 Datasheet(HTML) 5 Page - STMicroelectronics

  TCPP02-M18 Datasheet HTML 1Page - STMicroelectronics TCPP02-M18 Datasheet HTML 2Page - STMicroelectronics TCPP02-M18 Datasheet HTML 3Page - STMicroelectronics TCPP02-M18 Datasheet HTML 4Page - STMicroelectronics TCPP02-M18 Datasheet HTML 5Page - STMicroelectronics TCPP02-M18 Datasheet HTML 6Page - STMicroelectronics TCPP02-M18 Datasheet HTML 7Page - STMicroelectronics TCPP02-M18 Datasheet HTML 8Page - STMicroelectronics TCPP02-M18 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
4
Electrical specification
4.1
Parameter conditions
Unless otherwise specified:
•
All voltages are referenced to GND
•
The minimum and maximum values are guaranteed in the worst conditions of operating temperature, supply
voltage and frequencies, by tests in production on 100 % of the devices
•
Typical values are given only as design guidelines and are not tested
4.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in the tables below, may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute maximum ratings (across junction temperature range)
Symbol
Parameter
Pin name
Value
Unit
VPOWER
Voltage for power pins
VCC_VCONN
7
VDC
VIN
Voltage for input pins
EN, I2C_ADD
7
VDC
VBUSc, Isense, SRC
24
VOUT
Voltage for output pins
IANA, FLGn
7
VDC
CBIAS, GATE
24
VI/O
Voltage for input, output pins
SDA,SCL, CC1,CC2
7
VDC
CC1c,CC2c
24
Rthj-a
Junction to ambient thermal resistance
150
°C/W
TJ
Junction temperature range
-40 to +125
°C
TSTG
Storage temperature range
-55 to +150
°C
Table 3. ESD ratings (across junction temperature range)
Symbol
Description
Pins
Value
Unit
VESD_c
System level ESD robustness on USB Type-C™ connector side(1)
IEC61000-4-2 Level 4, contact discharge
IEC61000-4-2 Level 4, air discharge
CC1c, CC2c
8
15
kV
VHBM
VESD ratings human body model (JESD22-A114D, level 2)
All pins
2
kV
1. Internal ESD protection functionality is associated with external capacitor connected on pin CBIAS.
Note:
for more information on IEC61000-4-2 standard testing, please refer to AN3353.
4.3
Recommended operating conditions
Table 4. Recommended operating condition, across junction temperature range
Pin name
Min.
Typ.
Max.
Unit
VCC_VCONN, CC1,
CC2
2.7
5.5
V
EN, IANA, I2C_ADD,
SDA, SCL, FLGn
1.7
3.6
V
TCPP02-M18
Electrical specification
DS13787 - Rev 4
page 5/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com