Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPP02-M18 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TCPP02-M18
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TCPP02-M18 Datasheet HTML 9Page - STMicroelectronics TCPP02-M18 Datasheet HTML 10Page - STMicroelectronics TCPP02-M18 Datasheet HTML 11Page - STMicroelectronics TCPP02-M18 Datasheet HTML 12Page - STMicroelectronics TCPP02-M18 Datasheet HTML 13Page - STMicroelectronics TCPP02-M18 Datasheet HTML 14Page - STMicroelectronics TCPP02-M18 Datasheet HTML 15Page - STMicroelectronics TCPP02-M18 Datasheet HTML 16Page - STMicroelectronics TCPP02-M18 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
7.5
VBUS analog current measurement and OCP
VBUS OCP threshold is set by external serial resistor on VBUS. The gain for the analog reading is set to 42 V/V.
The OCP threshold is set to 0.042 V across Rs.
The OCP VBUS is biased by VCC_VCONN and works only in normal mode.
Equivalent block diagram in TCPP02-M18 for VBUS analog current measurement and OCP is given here after:
Figure 8. Equivalent block diagram in TCPP02-M18
42 V/V
+
-
RS=external resistance
+
-
OCP
Analog
reading
High side amplifier
1.8 V
DIR
FLT_OCP
IANA
R
S = external resistance
OCP
VBUS
(+)
(-)
Provider path
VBUSc
VBUSc
ISENSE
RS
VCC_VCONN
Table 12. Recommended values
Typical current
VBUS OCP threshold
Rs - Sense resistor (normalized
values)
0.5 A
0.9 A
47 mΩ
1.5 A
1.9 A
22 mΩ
3.0 A
4.2 A
10 mΩ
5.0 A
6.0 A
7 mΩ
The OCP is biased continuously: inrush current magnitude is controlled by the user through an external capacitor.
Please refer to the X-NUCLEO-SRC1M1 user manual for more informations on external capacitor to control the
insrush current magnitude.
If an OCP event occurs:
•
VCONN switches, CC switches and gate drivers are shutting down
•
During up to 40 µs typ., this OCP alarm is held (no recovery is possible)
•
After this delay, CC switches are turned ON but VCONN switches and gate drivers are held OFF
The system can be restarted only with a recovery word send by the MCU via the I2C bus.
•
The FLGn signal stays low while the recovery word has not been sent
The recovery word is described in next paragraph
TCPP02-M18
VBUS analog current measurement and OCP
DS13787 - Rev 4
page 13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com