Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPP02-M18 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TCPP02-M18
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TCPP02-M18 Datasheet HTML 12Page - STMicroelectronics TCPP02-M18 Datasheet HTML 13Page - STMicroelectronics TCPP02-M18 Datasheet HTML 14Page - STMicroelectronics TCPP02-M18 Datasheet HTML 15Page - STMicroelectronics TCPP02-M18 Datasheet HTML 16Page - STMicroelectronics TCPP02-M18 Datasheet HTML 17Page - STMicroelectronics TCPP02-M18 Datasheet HTML 18Page - STMicroelectronics TCPP02-M18 Datasheet HTML 19Page - STMicroelectronics TCPP02-M18 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
7.8
VBUS discharge
VBUS discharge is activated via I2C bus and controlled via firmware by the USB-C power delivery controller.
The VBUS discharge feature integrated in TCPP02-M18 allows to discharge 10 µF in less than 220 ms
(TDIS_VBUS).
This discharge time is in line with USB-C specification, extracted below for VBUS discharge:
Table 15. Common source electrical parameters from USB-C specification
Parameter
Description
Min.
Typ.
Max.
Units
tSafe0V
Time to reach
vSafe0V max.
-
-
650
ms
tSafe5V
Time to reach
vSafe5V max.
-
-
275
ms
7.9
VCONN discharge
VCONN discharge is activated via I2C bus and controlled via firmware by the USB-C power delivery controller.
The VCONN discharge feature integrated in TCPP02-M18 allows to discharge VCONN in RDIS_VCONN < 5.5 kΩ, as
per USB-C specification table extracted below:
Table 16. VCONN source characteristics from USB-C power delivery specification
Minimum
Maximum
Notes
Rdch
30 Ω
6120 Ω
Discharge resistance applied
in UnattachedWait.SRC
between the CC pin being
discharged and GND.
Note:
•
VCONN discharge is activated and stopped via I2C commands from USB-PD controller
•
To avoid short-circuit, VCONN discharge cannot be activated if VCONN switch are closed
•
The CCxc pin discharged is the last one acting as VCONN
7.10
OTP (over temperature protection)
Above 150°C typ., the OTP triggers the FLGn pin.
OVP and OCP on VCONN, CC lines, VBUS are shut down.
Auto recovery is ensured when the temperature goes back below OTP threshold.
TCPP02-M18
VBUS discharge
DS13787 - Rev 4
page 16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com