Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPP02-M18 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TCPP02-M18
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TCPP02-M18 Datasheet HTML 2Page - STMicroelectronics TCPP02-M18 Datasheet HTML 3Page - STMicroelectronics TCPP02-M18 Datasheet HTML 4Page - STMicroelectronics TCPP02-M18 Datasheet HTML 5Page - STMicroelectronics TCPP02-M18 Datasheet HTML 6Page - STMicroelectronics TCPP02-M18 Datasheet HTML 7Page - STMicroelectronics TCPP02-M18 Datasheet HTML 8Page - STMicroelectronics TCPP02-M18 Datasheet HTML 9Page - STMicroelectronics TCPP02-M18 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin name
Min.
Typ.
Max.
Unit
CC1c, CC2c, VBUSc,
ISENSE, SRC
0
22
V
4.4
Power supply (VCC_VCONN, VBUSc)
Table 5. Electrical characteristics – Power supply (VCC_VCONN, VBUSc) across Tj
Symbol
Parameter
Test condition across TOP
Value
Unit
Min.
Typ.
Max.
ICC_VCONN Vcc supply current
Normal mode
2.7
mA
Low power mode
1
µA
Ienable
Supply current of EN pin
Low power mode 1.7 V - 2.7 V
3
µA
Low power mode 2.7 V - 3.6 V
10
µA
TDIS_VBUSc
VBUSc discharge time(1)
220
ms
1. Equivalent discharge resistor is 2.5 kΩ typical.
4.5
VBUS OCP
Table 6. Electrical characteristics for VBUS (OCP, gate driver, current monitoring) across Tj
Symbol
Parameter
Test condition across TOP
Value
Unit
Min.
Typ.
Max.
VGS
Gate to source voltage consumer VBUSc = 5 V - 20 V
4.5
5
5.5
V
VTH_OCP_VBUS VBUS OCP threshold voltage
Across sense resistor Rs
35
42
45
mV
TOFF_OCP_VBUS VBUS OCP response time
3
8
µs
Iana_gain
Current sensing gain
39
42
45
V/V
VIANA
IANA pin typical voltage during OCP event on VBUS line
1.7
1.95
V
TON
VBUS turn-on time
1
3
ms
4.6
CC lines OVP and ESD
Table 7. Electrical characteristics: CC lines OVP (CC refers to CC1 and CC2) across Tj
Symbol
Parameter
Test condition across TOP
Value
Unit
Min. Typ. Max.
RON_CC
ON resistance of CC OVP FET
Normal mode
0.7
1.5
Ω
Low power mode
8
17
28
CON_CC
Equivalent ON capacitance of CCx line in normal
mode
0 - 1.2 V, f = 400 kHz
40
60
100
pF
VTH_CC
CC OVP threshold voltage
5.5 5.75
6
V
TOVP_CC
OVP response time on the CC pins
60
100
ns
BWCCx
Bandwidth on CCx pins
at -3dB and 0 - 1.2 V
10
MHz
TCPP02-M18
Power supply (VCC_VCONN, VBUSc)
DS13787 - Rev 4
page 6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com