Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPP02-M18 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TCPP02-M18
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP02-M18 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TCPP02-M18 Datasheet HTML 6Page - STMicroelectronics TCPP02-M18 Datasheet HTML 7Page - STMicroelectronics TCPP02-M18 Datasheet HTML 8Page - STMicroelectronics TCPP02-M18 Datasheet HTML 9Page - STMicroelectronics TCPP02-M18 Datasheet HTML 10Page - STMicroelectronics TCPP02-M18 Datasheet HTML 11Page - STMicroelectronics TCPP02-M18 Datasheet HTML 12Page - STMicroelectronics TCPP02-M18 Datasheet HTML 13Page - STMicroelectronics TCPP02-M18 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Table 10. Power mode versus power supply
VCC_VCONN ENABLE
IDC
VCC_VCONN
IDC ENABLE
Mode
Comments
X
0 V
0 µA(2)
0 µA(1)(2)
OFF
(reset)
Gate driver OFF / CC switches OFF
FLGn inactive
I2C inactive / I2C registers reset
X
1.8 V
±5%
3.3 V
±10%
0 µA(2)
0 µA(1)(2)
Hibernate
I2C active
Default state at start-up
X
1.8 V
±5%
3.3 V
±10%
0 µA(2)
< 10 µA (1)(2)
(3)
Low
power
High ohmic CC => PD communication not possible
OVP protection by clamping
I2C active
3.3 V ±10%
5 V ±10%
1.8 V
±5%
3.3 V
±10%
2.7 mA
< 30 µA(1)(2)
Normal
Full performance mode
I2C active
FLGn indicates failures
1. Dynamic current of I2C interface have to be added to the values indicated when the I2C bus is used.
2. ESD leakage current have to be added to the values indicated.
3. For pin EN voltage between 1.7 V and 3.6 V.
Table 11. TCPP02-M18 states versus power modes
Power
mode
CC
switches
OVP CC
Gate driver
provider
FLGn
I2C IANA
OCP
VBUS
VCONN VBUS
Dis.
Comment
OFF
OFF
NA
OFF
VBUS
connect
OFF OFF
OFF
OFF
TCPP not powered
Hibernate
OFF
NA
OFF
VBUS
connect
ON OFF
OFF
OFF
Default state at
start-up
Low power
High ohmic
5 V
clamp
OFF
VBUS
connect
ON OFF
OFF
OFF
Signaling only
Normal
Full perf.
Active
OVP
Controlled by
I2C
Failure
flags
ON
ON
ON
Controlled by
I2C
PD communication
active
TCPP02-M18
Power modes
DS13787 - Rev 4
page 10/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com