Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-2STPD01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 3Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 4Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 5Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 6Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 7Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 8Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 9Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 10Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
4.7
VCONN OCP, discharge
Table 8. Electrical characteristics VCONN switch (OCP, discharge) across Tj
Symbol
Parameter
Test condition across TOP
Value
Unit
Min. Typ. Max.
RON_VCONN
ON resistance of VCONN FET
2.1
3
5.5
Ω
IVCONN
Current thru VCONN FET max operating current
VCONN = 3.0 V - 5.5 V
40
mA
Rdis-vconn
VCONN discharge resistor
2.5
4
5
kΩ
OCPTH_VCONN OCP threshold on VCONN
40
47
55
mA
TOCP_VCONN
VCONN OCP response time
0.9
2
µs
4.8
I2C slave
Table 9. Electrical characteristics I2C adressing across Tj
Symbol
Parameter
Test condition across TOP
Value
Unit
Min.
Typ.
Max.
I2C speed
1
Mbps
TCPP02-M18
VCONN OCP, discharge
DS13787 - Rev 4
page 7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com