Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-2STPD01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-2STPD01 Datasheet HTML 1Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 2Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 3Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 4Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 5Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 6Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 7Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 8Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
Pinout and functions
Figure 1. QFN-18L 3.5 x 3.5 x 0.55 mm (top view)
Table 1. Pinout and functions
Name
Pin #
Type
Description
EN
1
Input
Enable pin.
CC1
2
Input / Output Configuration channel 1 pin on USB-C controller side.
VCC_VCONN
3
Power
Power supply for VCONN power pin. Connect to 3.3 V or 5.5 V.
CC2
4
Input / Output Configuration channel 2 pin on USB-C controller side.
IANA
5
Output
VBUS current analog measurement.
GATE
6
Output
Gate driver provider: gate pin of external N-channel MOSFET.
SRC
7
Input
Gate driver provider: source pin of external N-channel MOSFET.
VBUSc
8
Input
VBUS connector side.
Isense
9
Input
VBUS current measurement.
GND
10
GND
Ground.
CC2c
11
Input / Output Configuration channel 2 pin on USB-C connector side.
CBIAS
12
Output
ESD capacitor.
CC1c
13
Input / Output Configuration channel 1 pin on USB-C connector side.
GND
14
GND
Ground.
I2C_ADD
15
Input
Least significant bit on I2C address. Connected to GND or 1.8 V / 3.3 V.
SDA
16
Input / Output Serial data line on I2C bus.
SCL
17
Input / Output Serial clock line on I2C bus.
FLGn
18
Output
Open-drain output flag (active low). Floating when not connected.
GND
EP
GND
Ground exposed pad.
TCPP02-M18
Pinout and functions
DS13787 - Rev 4
page 2/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com