Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-2STPD01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-2STPD01 Datasheet HTML 1Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 2Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 3Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 4Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 5Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 6Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 7Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 8Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
•
Externally programmable VBUS over current protection (OCP)
•
Integrated charge pump and gate driver for external N-channel MOSFET
•
VBUS current sense and amplifier with analog output
•
Integrated discharge on VBUS and VCONN
•
Over temperature protection
•
Over voltage protection (OVP) on CC lines against short-to-VBUS
•
VCONN OCP (100 mW max), OVP (6 V max)
•
ESD protection for CC1, CC2, compliant with IEC 61000-4-2 Level 4 (±8 kV
contact discharge, ±15 kV air discharge)
•
Compliant with PPS (programmable power supply)
•
I2C communication, with two I2C addresses available
•
Junction temperature from -40 °C to 125 °C
•
Compliant with USB-C power delivery standard 3.1, standard power range
(SPR), up to 100 W
•
ECOPACK2 compliant
Applications
•
USB-C chargers, adapters, power sharing adapters, battery charger
•
Wall plugs, car charger, PoE to USB-C adapter, power bank
•
Desktop, monitor, docking, USB hub, dual-port charger
Description
The TCPP02-M18 is a MCU companion chip enabling cost-effective USB-C source
solution. It provides protections and functionalities to safely comply with the USB-C
specification.
On provider path, TCPP02-M18 drives external N-channel MOSFET to ensure
overcurrent protection on VBUS pin, as well as a discharge path. It features an
analog current sense and amplifier with an output accessible for a MCU ADC, thus
minimizing system cost.
The TCPP02-M18 features 24 V tolerant ESD protection as per IEC61000-4-2 level
4 on USB Type-C™ connector communication channel pins (CC). Also, it provides
overvoltage protection on CC1 and CC2 pins when these pins are subjected to short
circuit with the VBUS pin that may happen when removing the USB Type-C™ cable
from its receptacle.
TCPP02-M18 embeds I2C slave registers with two possible addresses, ideal for
dual-port chargers or multiple port applications.
Product labels
Product status link
TCPP02-M18
Expansion board
X-NUCLEO-SRC1M1
Software example code
X-CUBE-TCPP
I2C address
0110 10x (LSB = ‘x’)
ST reference design
STEVAL-2STPD01
USB Type-C™ protection for source application
TCPP02-M18
Datasheet
DS13787 - Rev 4 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-2STPD01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-3DP001V1 STMICROELECTRONICS-STEVAL-3DP001V1 Datasheet
482Kb / 11P
Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
02-May-2017
STEVAL-56G3MAI STMICROELECTRONICS-STEVAL-56G3MAI Datasheet
804Kb / 5P
VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor
17-Jun-2024
STEVAL-66GYMAI STMICROELECTRONICS-STEVAL-66GYMAI Datasheet
805Kb / 5P
VD66GY S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD66GY image sensor
17-Jun-2024
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
More results

Similar Description - STEVAL-2STPD01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
NCP398 ONSEMI-NCP398 Datasheet
686Kb / 12P
USB Type-C VCONN Overvoltage Protection IC
August, 2016 ??Rev. 1
logo
Texas Instruments
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
USB type-C port protection
06-Sep-2019
logo
Maxim Integrated Produc...
MAX25410EVKIT MAXIM-MAX25410EVKIT Datasheet
1Mb / 17P
USB Type-C CC1/CC2 Protection Switches
Rev 1; 1/20
logo
NXP Semiconductors
NX20P3483UK NXP-NX20P3483UK Datasheet
5Mb / 43P
USB PD and Type-C high voltage sink/source combo switch with protection
Rev. 2-4 March 2019
logo
ON Semiconductor
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
logo
NXP Semiconductors
NX20P0477 NXP-NX20P0477 Datasheet
315Kb / 24P
USB Type-C CC smart protection
Rev. 1.0-3 February 2020
logo
ON Semiconductor
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com