Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-2STPD01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 13Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 14Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 15Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 16Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 17Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 18Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 19Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 20Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
8
Application example
8.1
X-NUCLEO-SRC1M1
The X-NUCLEO-SRC1M1 expansion board allows evaluating the features of the TCPP02-M18 for the USB
Type-C™ and the protections for VBUS and CC lines suitable for source applications.
Please refer to X-NUCLEO-SRC1M1 documentation (databrief, quick start guide, user manual, schematic and
BOM) for detailed application usage of TCPP02-M18 and selection of external components.
8.2
STEVAL-2STPD01
The STEVAL-2STPD01 is an evaluation kit composed of an expansion board containing two Type-C ports and
integrating two STPD01PUR programmable buck converters for USB Power Delivery, and the NUCLEO-G071RB
STM32 Nucleo-64 development board.
The expansion board has been specifically developed to be stacked on the NUCLEO-G071RB development
board using the capability of its microcontroller to manage two UCPD peripherals at the same time. It also
embeds the TCPP02-M18 USB Type-C port protection for Source applications and the L7983PU50R synchronous
step-down switching regulator.
Please refer to STEVAL-2STPD01documentation (databrief, quick start guide, user manual, schematic) for
detailed USB-C PD with power sharing using TCPP02-M18.
8.3
PCB routing
When routing the TCPP02-M18, please respect the following recommendation:
•
Place the circuit as close as possible to the USB-C connector in order to maximize the efficiency of the ESD
protection for CC lines
•
Place the ESD capacitor as close as possible to the TCPP02-M18
TCPP02-M18
Application example
DS13787 - Rev 4
page 17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com