Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-2STPD01 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STEVAL-2STPD01
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-2STPD01 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STEVAL-2STPD01 Datasheet HTML 16Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 17Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 18Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 19Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 20Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 21Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 22Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 23Page - STMicroelectronics STEVAL-2STPD01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Table 18. QFN18L 3.5x3.5 mm mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A
0.51
0.55
0.60
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
D
3.50
D2
1.99
2.14
2.24
E
3.50
E2
1.99
2.14
2.24
e
0.50
L
0.30
0.40
0.50
K
0.20
aaa
0.05
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Figure 12. recommended footprint (dimensions are in mm)
TCPP02-M18
QFN18L 3.5x3.5 mm package information
DS13787 - Rev 4
page 20/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com