Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST70134
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST70134 Datasheet HTML 3Page - STMicroelectronics ST70134 Datasheet HTML 4Page - STMicroelectronics ST70134 Datasheet HTML 5Page - STMicroelectronics ST70134 Datasheet HTML 6Page - STMicroelectronics ST70134 Datasheet HTML 7Page - STMicroelectronics ST70134 Datasheet HTML 8Page - STMicroelectronics ST70134 Datasheet HTML 9Page - STMicroelectronics ST70134 Datasheet HTML 10Page - STMicroelectronics ST70134 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ST70134A
7/22
BLOCK DIAGRAM
Application principle is described in Figure 4.
A LP filter may be used on the TX path to reduce
DMT sidelobes and out of band noise influence on
the receiver. On the RX path, a HP filter must be
used in order to reduce the echo signal level and
to avoid saturation of the input stage of the
receiver. The POTS filter is used in both directions
to reduce crosstalk between ADSL signals and
POTS speech and signalling. Low pass POTS fil-
ter can be very simple for Lite - ADSL application
(see Figure 4).
RX Path
Speech Filter
An external bi-directional LC filter for up and
downstream POTS service splits the speech sig-
nal from the ADSL signal to the POTS circuits.
The ADSL analog front end integrated circuit does
not contain any circuitry for the POTS service but
it guarantees that bandwidth is not disturbed by
spurious signals from the ADSL-spectrum.
Channel Filters
The external analog circuits provide partial echo
cancellation by an analog filtering of the transmit
upstream signal. This is feasible because the
upstream and the downstream data are modu-
lated on separate carriers (FDM) (see Figure 4).
Signal to Noise Performance
RX- PATH SENSITIVITY AT MAXIMUM GAIN
The RX path sensitivity at the maximal RX-AGC of
the receiver is defined at -140dBm/Hz (for 100
Ω
ref) on the line. This figure corresponds to the
equivalent input noise of 31nVHz-1/2 seen on the
line.
The maximum noise density within the pass band
can exceed the average value as follows:
RX path (max AGC setting):
<100nVHz-1/2 @ 138kHz
<31nVHz-1/2 for 250kHz < f
* For ADSL over ISDN, instead of SC2, HC2 1.1MHz LP filter is programmed.
Figure 4 : Block Diagram
VCODAC
XTAL DRIVER
56
VCXOUT
60
59
35.328MHz
48
50
47
49
RXN(0:1)
RXP(0:1)
LP 1.1MHz
HC1
13 Bits A/D
Converter
7
20
12
10
9
11
LNA
PD
31
32
LP 138KHz
SC2 *
12 Bits D/A
Converter
-15.0dB
TXP
TXN
LPF
GRX
50k
Ω
R
2R
2R
R
GTX
LINE
DRIVER
1
2
TXn
HP POTSFILTER
LP POTSFILTER
POTS
1.1
Line
Zo = 100
Ω
4
Master Clock
35.328MHz
Nibbles
17.664MHz
Word
8.832/4.416MHz
RXn
CTRLIN
RESETN
50k
Ω
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com