Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST70134
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST70134 Datasheet HTML 14Page - STMicroelectronics ST70134 Datasheet HTML 15Page - STMicroelectronics ST70134 Datasheet HTML 16Page - STMicroelectronics ST70134 Datasheet HTML 17Page - STMicroelectronics ST70134 Datasheet HTML 18Page - STMicroelectronics ST70134 Datasheet HTML 19Page - STMicroelectronics ST70134 Datasheet HTML 20Page - STMicroelectronics ST70134 Datasheet HTML 21Page - STMicroelectronics ST70134 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ST70134A
19/22
Digital Outputs
Hard Driven Outputs: RXi
Clock Driver Output: CLKM, CLNIB, CLKWD
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VOL
Low Level Output Voltage
Iout = -4mA
0.15 x DVDD
V
VOH
High Level Output Voltage
Iout = 4mA
0.85 x DVDD
V
Cload
Load Capacitance
30
pF
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VOL
Low Level Output Voltage
Iout = -4mA
0.15 x DVDD
V
VOH
High Level Output Voltage
Iout = 4mA
0.85 x DVDD
V
Cload
Load Capacitance
30
pF
DC
Duty Cycle
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com