Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST70134
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134 Datasheet(HTML) 2 Page - STMicroelectronics

  ST70134 Datasheet HTML 1Page - STMicroelectronics ST70134 Datasheet HTML 2Page - STMicroelectronics ST70134 Datasheet HTML 3Page - STMicroelectronics ST70134 Datasheet HTML 4Page - STMicroelectronics ST70134 Datasheet HTML 5Page - STMicroelectronics ST70134 Datasheet HTML 6Page - STMicroelectronics ST70134 Datasheet HTML 7Page - STMicroelectronics ST70134 Datasheet HTML 8Page - STMicroelectronics ST70134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ST70134A
2/22
Figure 1 : Block Diagram
The Receiver (RX) Part
The DMT signal coming from the line to the
ST70134 is first filtered by two external filters,
Pots HP and channel filters.
An
analog
multiplexer
allows
the
selection
between two input ports which can be used to
select an attenuated (0, 10dB for ex.) version of
the signal in case of short loop or large echo.
The signal is amplified by a low noise gain stage
(0-31dB) then low-pass filtered to avoid aliasing
and to ease further digital processing by removing
unwanted high frequency out-of-band noise.A
13-bit
A/D
converter
samples
the
data
at
8.832MS/s (or 4.416MS/s in alternative mode),
transforms the signal into a digital representation
and sends it to the DMT signal processor via the
digital interface.
The Transmitter (TX) part
The 12-bit data words at 8.832MS/s (or 4.416MS/
s) coming from the DMT signal processor through
the digital interface are transformed by D/A con-
verter into a analog signal.
This signal is then filtered to decrease DMT side-
lobes level and meet the ANSI transmitter spectral
response but also to reduce the out-of-band noise
(which can be echoed to the RX path) to an
acceptable level. The pre-driver buffers the signal
for the external line driver and in case of short
loop provide attenuation (-15...0dB).
The VCXO Part
The VCXO is divided in a XTAL driver and a auxil-
iary 8 bits DAC for timing recovery.The XTAL
driver is able to operate at 35.328MHz.
The DAC which is driven by the CTRLIN pin pro-
vides a current output with 8-bit resolution and
can be used to tune the XTAL frequency with the
help of external components.
A time constant between DAC input and VCXO
output can be introduced (via the CTLIN interface)
and programmed with the help of an external
capacitor (on VCOC pin).See chapter ’VCXO’ for
the external circuit related to the VCXO.
The Digital Interface Part
The digital part of the ST70134 can be divided in 2
sections:
– The data interface converts the multiplexed data
from/to the DMT signal processor into valid
representation for the TX DAC and RX ADC.
– The control interface allows the board processor
to configure the STL70134 paths (RX/TX gains,
filter band, ...) or settings (OSR, vcodac enable,
digital / analog loopback,...).
R-MOS-C
TUNING
I/V-REF
XTAL-DRIVER
VCXO DAC
G = -15...0dB
step = 1dB
AGCtx
TXP
TXN
1.1MHz
HC2
1.1MHz
HC1
138kHz
SC2
DIGITAL
IF
DAC
AGCrx
G = 0...31dB
step = 1dB
RXP(0:1)
RXN(0:1)
ADC
13 Bits
12 Bits
Rx (0:3)
Tx (0:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com