Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST70134
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST70134 Datasheet HTML 5Page - STMicroelectronics ST70134 Datasheet HTML 6Page - STMicroelectronics ST70134 Datasheet HTML 7Page - STMicroelectronics ST70134 Datasheet HTML 8Page - STMicroelectronics ST70134 Datasheet HTML 9Page - STMicroelectronics ST70134 Datasheet HTML 10Page - STMicroelectronics ST70134 Datasheet HTML 11Page - STMicroelectronics ST70134 Datasheet HTML 12Page - STMicroelectronics ST70134 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ST70134A
9/22
Figure 5 : HC Filter Mask for RX
Note: The total RX path (including ADC) group delay distortion is 16
µs (i.e. = 15µs + 1µs of ADC)
Linearity of RX
Linearity of the RX analog path is defined by the IM3 product of two sinusoidal signals with frequencies f1
and f2 and each with 0.5Vpd amplitude (total
≤ 1Vpd) at the output of the RX - AGC amplifier (i.e: before
the ADC) for the case of minimal AGC setting.
Table 7 lists the RX path intermodulation distortion (as S/IM3 ratio) in downstream and upstream band-
width.
Power Supply Rejection
The noise on the power supplies for the RX path must be lower than the following: <50mVrms in band
white noise for any AVDD.
In this case, PSR (power supply rejection) of ST70134 RX path is lower than -43dB.
Table 7 : Linearity of RX
f1 (0.5Vpd)
f2 (0.5Vpd)
300kHz
200kHz
500kHz
400kHz
700kHz
600kHz
S/IM3
(AGC = 0dB)
59.5dB @ 100kHz
53.5dB @ 400kHz
43.5dB @ 700kHz
42.5dB @ 800kHz
59.5dB @ 300kHz
48.0dB @ 600kHz
48.0dB @ 500kHz
42.5dB @ 800kHz
Table 8 : RX Filter to A/D Interface
RX filter to A/D maximal level:
1Vpd = full scale of A/D
Table 9 : A/D Converters
Numbers of bits:
12bits
Minimum resolution of the A/D converter
11bits
Linearity error of the A/D converter
<1LSB (out of 12bits)
Full scale input range:
1 Vpdif ±5%
Sampling rate:
8.832MHz (or 4.416MHz in OSR = 2 mode)
Maximum attenuation at 1.1MHz:
<0.5dB without in-band ripple
Maximum group delay:
<3
µs
Maximum group delay distortion:
<1
µs
5dB 36dB 50dB
±1dB
0dB
30
1104 2208 7728 16560
kHz
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com