Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70134 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST70134
Description  ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70134 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST70134 Datasheet HTML 4Page - STMicroelectronics ST70134 Datasheet HTML 5Page - STMicroelectronics ST70134 Datasheet HTML 6Page - STMicroelectronics ST70134 Datasheet HTML 7Page - STMicroelectronics ST70134 Datasheet HTML 8Page - STMicroelectronics ST70134 Datasheet HTML 9Page - STMicroelectronics ST70134 Datasheet HTML 10Page - STMicroelectronics ST70134 Datasheet HTML 11Page - STMicroelectronics ST70134 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ST70134A
8/22
RX-PATH NOISE AT MINIMUM GAIN
At the minimum AGC the total average thermal
noise of the analog RX-path at the ADC input
should be lower than the ADC quantisation noise.
The maximum noise density within the pass band
can exceed the average value as follows:
RX path (min AGC setting) <500nVHz-1/2 @
138kHz < f
These noise specifications correspond to 10bit
resolution of the complete RX-path.
AGC of RX Path
The AGC gain in the RX-path is controlled through
a 5-bits digital code.
Four inputs are provided for RX input and the
selection is made with the RXMUX bits of the
CTRLIN interface.
This can be used to make lower gain paths in
case of high input signal.
RX Filters
The combination of the external filter (an LC lad-
der filter typically) with the integrated lowpass fil-
ter must provide:
– Echo reduction to improve dynamic range.
– DMT sidelobe and out of band (anti-aliasing) at-
tenuation.
– Anti alias filter (60dB rejection @ image frequency).
RX Filters
The integrated filter have the following character-
istics:
Table 3 : RX Common-mode Voltage
Description
Value/Unit
Common mode signal VCM
at RXIN1 and RXIN2:
1.6V < VCM <1.7V
Table 4 : AGC Characteristics
Description
Value/Unit
Input referred noise(max. gain) 31nVHz-1/2
Max. input level
1Vpd
Max. output level
1Vpd
Gain range
0 to 31dB with
step = 1dB
Gain and step accuracy
± 0.3dB
Table 5 : Integrated HC Filter Characteristics
Description
Value / Unit
Maximum input level
1Vpd
Maximum output level
1Vpd
Type
3rd order butterworth
Frequency band
1.104MHz (0% setting, see below)
Frequency tuning
-43.75% -> +0%
Max. in-band ripple
1dB
Matlab Model
Default cut off frequency @ -3dB
Actual cut off @ -3dB
HC Freq. selection register
[B, A] = butter (3, w0, 's')
F0 = 1560KHz
w0 = 2 * pi * F0/((20 + n)/16)
n = -4,..,3 see (AFE settings,Table 19)
Table 6 : Phase Characteristic
Description
Value / Unit
Total RX filter group delay
< 50
µs @ 138kHz < f < 1.104MHz
Total RX filter group delay distortion
< 15
µs @ 138kHz < f < 1.104MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com