Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB30CX Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32WB30CX
Description  2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB30CX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32WB30CX Datasheet HTML 3Page - STMicroelectronics STM32WB30CX Datasheet HTML 4Page - STMicroelectronics STM32WB30CX Datasheet HTML 5Page - STMicroelectronics STM32WB30CX Datasheet HTML 6Page - STMicroelectronics STM32WB30CX Datasheet HTML 7Page - STMicroelectronics STM32WB30CX Datasheet HTML 8Page - STMicroelectronics STM32WB30CX Datasheet HTML 9Page - STMicroelectronics STM32WB30CX Datasheet HTML 10Page - STMicroelectronics STM32WB30CX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Table 5. Tape and reel mechanical data
Ref
Dimensions
Millimeters
Min
Typ
Max
A0
1.04
1.09
1.14
B0
1.64
1.69
1.74
K0
0.47
0.52
0.57
P1
3.9
4.0
4.1
P0
3.9
4.0
4.1
Ø D0
1.4
1.5
1.6
Ø D1
0.35
0.40
0.45
F
3.45
3.50
3.55
P2
1.95
2.00
2.05
W
7.9
8.0
8.3
Table 6. Pad description top view (pads down)
Pad ref
Pad name
Description
A1
OUT
Antenna
A2
GND4
Ground
A3
IN
STM32WB55 RF out
B1
GND3
Ground
B2
GND2
Ground
B3
GND1
Ground
MLPF-WB55-01E3
Bumpless CSP package information
DS12804 - Rev 3
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com