Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB30CX Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32WB30CX
Description  2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB30CX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32WB30CX Datasheet HTML 4Page - STMicroelectronics STM32WB30CX Datasheet HTML 5Page - STMicroelectronics STM32WB30CX Datasheet HTML 6Page - STMicroelectronics STM32WB30CX Datasheet HTML 7Page - STMicroelectronics STM32WB30CX Datasheet HTML 8Page - STMicroelectronics STM32WB30CX Datasheet HTML 9Page - STMicroelectronics STM32WB30CX Datasheet HTML 10Page - STMicroelectronics STM32WB30CX Datasheet HTML 11Page - STMicroelectronics STM32WB30CX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3
Recommendation on PCB assembly
3.1
Land pattern
Figure 13. PCB land pattern recommendations
IN
OUT
GND3
GND2
GND1
GND4
300 µm
150 µm
150 µm
150 µm
150 µm
200 µm
500 µm
587 µm
587 µm
45 µm
106.4 µm
106.4 µm
200 µm
104 µm 104 µm
1500 µm
Top_layer
Top_solder_mask
Transmission line between MLPF and antenna is dimensioned to 50 ohms characteristic impedance.
Transmission line between STM32 and MLPF is dimensioned to 62 ohms characteristic impedance.
Theses transmission line characteristics impedances have to be followed as close as possible.
Moreover, lines physical dimensions will have to be tuned according to specific PCB stack up if different from the
one presented in datasheet to keep expected characteristic impedance values.
Figure 14. PCB stack-up recommendations
Copper
48µm
Solder resist
Core, FR4
1507µm
Copper
48µm
MLPF-WB55-01E3
Recommendation on PCB assembly
DS12804 - Rev 3
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com