Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB30CX Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32WB30CX
Description  2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB30CX Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WB30CX Datasheet HTML 1Page - STMicroelectronics STM32WB30CX Datasheet HTML 2Page - STMicroelectronics STM32WB30CX Datasheet HTML 3Page - STMicroelectronics STM32WB30CX Datasheet HTML 4Page - STMicroelectronics STM32WB30CX Datasheet HTML 5Page - STMicroelectronics STM32WB30CX Datasheet HTML 6Page - STMicroelectronics STM32WB30CX Datasheet HTML 7Page - STMicroelectronics STM32WB30CX Datasheet HTML 8Page - STMicroelectronics STM32WB30CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
Table 1. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
PIN
Input power RFIN
10
dBm
VESD
ESD ratings human body model (JESD22-A114-C), all I/O one at a
time while others connected to GND
2000
V
ESD ratings machine model, all I/O
200
TOP
Maximum operating temperature
-40 to +105
°C
Table 2. Impedances(Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZIN
STM32WB55xx single-ended
impedance
-
matched to
STM32WB55Cx/Rx,
STM32WB50Cx,
STM32WB35Cx,
and
STM32WB30Cx
-
Ω
ZOUT
Antenna impedance
-
50
-
Ω
Table 3. Electrical characteristics and RF performance (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
f
Frequency range
2400
2500
MHz
IL
Insertion loss lS21l
0.90
1.1
dB
RLIN
Input return loss IS11I
14
22
dB
RLOUT
Output return loss lS22l
16
24
dB
Att
Harmonic
rejection levels
IS21I
Attenuation at 2fo
38
40
dB
Attenuation at 3fo
43
45
dB
Attenuation at 4fo
41
46
dB
Attenuation at 5fo
35
42
dB
MLPF-WB55-01E3
Characteristics
DS12804 - Rev 3
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com