Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB30CX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WB30CX
Description  2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB30CX Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WB30CX Datasheet HTML 1Page - STMicroelectronics STM32WB30CX Datasheet HTML 2Page - STMicroelectronics STM32WB30CX Datasheet HTML 3Page - STMicroelectronics STM32WB30CX Datasheet HTML 4Page - STMicroelectronics STM32WB30CX Datasheet HTML 5Page - STMicroelectronics STM32WB30CX Datasheet HTML 6Page - STMicroelectronics STM32WB30CX Datasheet HTML 7Page - STMicroelectronics STM32WB30CX Datasheet HTML 8Page - STMicroelectronics STM32WB30CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Top view (pads down)
OUT
GND3
GND4
GND2
IN
GND1
Features
•
Integrated impedance matching to STM32WB55Cx/Rx, STM32WB50Cx,
STM32WB35Cx and STM32WB30Cx
•
LGA footprint compatible
•
50 Ω nominal impedance on antenna side
•
Deep rejection harmonics filter
•
Low insertion loss
•
Small footprint
•
Low thickness ≤ 450 μm
•
High RF performance
•
RF BOM and area reduction
•
ECOPACK2 compliant
Applications
•
Bluetooth 5
•
OpenThread
•
Zigbee®
•
IEEE 802.15.4
•
Optimized for STM32WB55Cx/Rx, STM32WB50Cx, STM32WB35Cx and
STM32WB30Cx
Description
The MLPF-WB55-01E3 integrates an impedance matching network and harmonics
filter. The matching impedance network has been tailored to maximize the RF
performance of STM32WB. This device uses STMicroelectronics IPD technology on
non-conductive glass substrate which optimizes RF performance.
Product status link
MLPF-WB55-01E3
2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,
STM32WB35Cx and STM32WB30Cx
MLPF-WB55-01E3
Datasheet
DS12804 - Rev 3 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32WB30CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB35CC STMICROELECTRONICS-STM32WB35CC Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB35CCQ6ATR STMICROELECTRONICS-STM32WB35CCQ6ATR Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB35CCQ6AXXX STMICROELECTRONICS-STM32WB35CCQ6AXXX Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB35CCQ6TR STMICROELECTRONICS-STM32WB35CCQ6TR Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB35CCQ6XXX STMICROELECTRONICS-STM32WB35CCQ6XXX Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
More results

Similar Description - STM32WB30CX

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2442LP18A083 JOHANSON-2442LP18A083 Datasheet
229Kb / 2P
2.4 GHz Low Pass Filter
2450LP14B100 JOHANSON-2450LP14B100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP14A100 JOHANSON-2450LP14A100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP15A050 JOHANSON-2450LP15A050 Datasheet
115Kb / 2P
2.4 GHz Low Pass Filter
2400LP18A0200 JOHANSON-2400LP18A0200 Datasheet
211Kb / 2P
2.4 GHz Low Pass Filter
2442LP18A083E JOHANSON-2442LP18A083E Datasheet
113Kb / 2P
2.4 GHz Low Pass Filter
logo
Analog Devices
HMC881A AD-HMC881A Datasheet
621Kb / 11P
2.4 GHz to 4 GHz, Tunable Low-Pass Filter
4/2019-Revision 0
logo
STMicroelectronics
MLPF-WB-01E3 STMICROELECTRONICS-MLPF-WB-01E3 Datasheet
620Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx, STM32WB35Cx and STM32WB30Cx
Rev 1 - October 2020
MLPF-WB55-02E3 STMICROELECTRONICS-MLPF-WB55-02E3 Datasheet
995Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Vx
25-Nov-2022
MLPF-WB-02D3 STMICROELECTRONICS-MLPF-WB-02D3 Datasheet
2Mb / 13P
2.4 GHz low pass filter matched to STM32WB5x and STM32WB1x in WLCSP and UFBGA packages
25-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com