Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB30CX Datasheet (PDF) - STMicroelectronics

STM32WB30CX Datasheet PDF - STMicroelectronics
Part # STM32WB30CX
Download  STM32WB30CX Download
File Size   574.07 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx

STM32WB30CX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WB30CX Datasheet PDF - STMicroelectronics

Part # STM32WB30CX
Download  STM32WB30CX Click to download

File Size   574.07 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx

STM32WB30CX Datasheet (HTML) - STMicroelectronics


STM32WB30CX Product details

Features
• Integrated impedance matching to STM32WB55Cx/Rx, STM32WB50Cx,
STM32WB35Cx and STM32WB30Cx
• LGA footprint compatible
• 50 Ω nominal impedance on antenna side
• Deep rejection harmonics filter
• Low insertion loss
• Small footprint
• Low thickness ≤ 450 μm
• High RF performance
• RF BOM and area reduction
• ECOPACK2 compliant

Applications
• Bluetooth 5
• OpenThread
• Zigbee®
• IEEE 802.15.4
• Optimized for STM32WB55Cx/Rx, STM32WB50Cx, STM32WB35Cx and
STM32WB30Cx

Description
The MLPF-WB55-01E3 integrates an impedance matching network and harmonics
filter. The matching impedance network has been tailored to maximize the RF
performance of STM32WB. This device uses STMicroelectronics IPD technology on
non-conductive glass substrate which optimizes RF performance.




Similar Part No. - STM32WB30CX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB35CC STMICROELECTRONICS-STM32WB35CC Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB35CCQ6ATR STMICROELECTRONICS-STM32WB35CCQ6ATR Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB35CCQ6AXXX STMICROELECTRONICS-STM32WB35CCQ6AXXX Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB35CCQ6TR STMICROELECTRONICS-STM32WB35CCQ6TR Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB35CCQ6XXX STMICROELECTRONICS-STM32WB35CCQ6XXX Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
More results


Similar Description - STM32WB30CX

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2442LP18A083 JOHANSON-2442LP18A083 Datasheet
229Kb / 2P
2.4 GHz Low Pass Filter
2450LP14B100 JOHANSON-2450LP14B100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP14A100 JOHANSON-2450LP14A100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP15A050 JOHANSON-2450LP15A050 Datasheet
115Kb / 2P
2.4 GHz Low Pass Filter
2400LP18A0200 JOHANSON-2400LP18A0200 Datasheet
211Kb / 2P
2.4 GHz Low Pass Filter
2442LP18A083E JOHANSON-2442LP18A083E Datasheet
113Kb / 2P
2.4 GHz Low Pass Filter
logo
Analog Devices
HMC881A AD-HMC881A Datasheet
621Kb / 11P
2.4 GHz to 4 GHz, Tunable Low-Pass Filter
4/2019-Revision 0
logo
STMicroelectronics
MLPF-WB-01E3 STMICROELECTRONICS-MLPF-WB-01E3 Datasheet
620Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx, STM32WB35Cx and STM32WB30Cx
Rev 1 - October 2020
MLPF-WB55-02E3 STMICROELECTRONICS-MLPF-WB55-02E3 Datasheet
995Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Vx
25-Nov-2022
MLPF-WB-02D3 STMICROELECTRONICS-MLPF-WB-02D3 Datasheet
2Mb / 13P
2.4 GHz low pass filter matched to STM32WB5x and STM32WB1x in WLCSP and UFBGA packages
25-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com