Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 17Page - STMicroelectronics ST7540 Datasheet HTML 18Page - STMicroelectronics ST7540 Datasheet HTML 19Page - STMicroelectronics ST7540 Datasheet HTML 20Page - STMicroelectronics ST7540 Datasheet HTML 21Page - STMicroelectronics ST7540 Datasheet HTML 22Page - STMicroelectronics ST7540 Datasheet HTML 23Page - STMicroelectronics ST7540 Datasheet HTML 24Page - STMicroelectronics ST7540 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ST7540
Functional description
21/44
●
Synchronous mode:
In Synchronous Mode ST7540 is always the master of the communication and provides
the clock reference on CLR/T line. When ST7540 is in receiving mode an internal PLL
recovers the clock reference. Data on RxD line are stable on CLR/T rising Edge.
When ST7540 is in transmitting mode the clock reference is internally generated and
TxD line is sampled on CLR/T rising Edge.
If RxTx line is set to “1” & REG_DATA=”0” (Data Reception), ST7540 enters in an Idle
State and CLR/T line is forced Low. After Tcc time the modem starts providing received
data on RxD line.
If RxTx line is set to “0” & REG_DATA=”0” (Data Transmission), ST7540 enters in an
Idle State and transmission circuitry is switched on. After Tcc time the modem starts
transmitting data present on TxD line (Figure 8) .
Figure 7.
Receiving and transmitting data/recovered clock timing
Figure 8.
Data reception -> data transmission -> data reception
Transmitting Bit Synchronization
CLR/T
RxD
CLR/T
TxD
Receiving Bit Synchronization
TSTH
D03IN1416
TCC
TDS
TCR
TCR
TDH
TSTH
TB
TCC
CLR_T
RxD
RxTx
TxD
REG_DATA
D03IN1402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com