Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 32Page - STMicroelectronics ST7540 Datasheet HTML 33Page - STMicroelectronics ST7540 Datasheet HTML 34Page - STMicroelectronics ST7540 Datasheet HTML 35Page - STMicroelectronics ST7540 Datasheet HTML 36Page - STMicroelectronics ST7540 Datasheet HTML 37Page - STMicroelectronics ST7540 Datasheet HTML 38Page - STMicroelectronics ST7540 Datasheet HTML 39Page - STMicroelectronics ST7540 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Auxiliary analog and digital functions
ST7540
36/44
7
Auxiliary analog and digital functions
7.1
Band in use
The Band in Use Block has a Carrier Detection like function but with a different Input
Sensitivity (83.5 dB
µV Typ.) and with a different BandPass filter Selectivity (40dB/Dec).
BU/THERM line is forced High when a signal in band is detected.
To prevent BU/THERM line false transition, Band in Use signal is conditioned to Carrier
Detection Internal Signal. This function is enabled only in Receiving mode (in Transmission
mode the BU/THERM pin is used for Thermal shutdown signaling, see Section 7.8: Thermal
shutdown).
7.2
Time out
Time Out Function is a protection against a too long data transmission. When Time Out
function is enabled after 1 or 3 second of continuos transmission the transceiver is forced in
receiving mode. This function allows ST7540 to automatically manage the CENELEC
Medium Access specification. When a time-out event occur, the transmission section is
disabled for at least 125 ms. To Unlock the Time Out condition RxTx should be forced High.
During the time out period only register access or reception mode are enabled.
During Reset sequence if RxTx line =”0” & REG_DATA line =”0”, Time Out protection is
suddenly enabled and ST7540 must be configured in data reception after the reset event
before starting a new data transmission.
Time Out time is programmable using Control Register bits 7 and 8 (Table 12).
Figure 22. Time-out timing and unlock sequence
TOUT
TOFF TOFFD
RxTx
Time Out function
D03IN1409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com