Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 34Page - STMicroelectronics ST7540 Datasheet HTML 35Page - STMicroelectronics ST7540 Datasheet HTML 36Page - STMicroelectronics ST7540 Datasheet HTML 37Page - STMicroelectronics ST7540 Datasheet HTML 38Page - STMicroelectronics ST7540 Datasheet HTML 39Page - STMicroelectronics ST7540 Datasheet HTML 40Page - STMicroelectronics ST7540 Datasheet HTML 41Page - STMicroelectronics ST7540 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Auxiliary analog and digital functions
ST7540
38/44
7.7
Under voltage lock out
The UVLO function turns off the device if the VCC voltage falls under 4V. Hysteresis is
340mV typically.
7.8
Thermal shutdown
The ST7540 is provided of a thermal protection which turn off the PLI when the junction
temperature exceeds 170°C ±10% . Hysteresis is around 30°C.
When shutdown threshold is overcome, PLI interface is switched OFF.
Thermal Shutdown event is notified to the HOST controller using BU/THERM line. When
BU/THERM line is High, ST7540 junction temperature exceed the shutdown threshold (Not
Latched). This function is enabled only in Transmission mode (in Receiving mode the
BU/THERM pin is used for Band in Use signaling, see Band in Use function Section 7.1:
Band in use).
7.9
5V Voltage regulator
ST7540 has an embedded 5V linear regulator externally available (on pin VDC) to supply
the application circuitry. The 5V linear regulator has a very low quiescent current (50
µA) and
a current capability of 50mA. The regulator is protected against short circuitry events.
7.10
3.3V Voltage regulator
The VDD pin can act either as 3.3V Voltage Output or as Input Digital Supply. When the VDD
pin is externally forced to 5V all the Digital I/Os operate at 5V, otherwise all the Digital I/Os
are internally supplied at 3.3V. The VDD pin can also source 3.3V voltage to supply external
components. The 3.3V linear regulator has a very low quiescent current (50
µA) and a
current capability of 50mA. The regulator is protected against short circuitry events.
7.11
Power-up procedure
To ensure ST7540 proper power-Up sequence, VCC and VDD Supply has to fulfil the
following rules:
1.
VCC rising slope must not exceed 100V/ms.
2.
When VDD is below 5V/3.3V: VCC-VDD < 1.2V.
When VDD supply is connected to VDC (5V Digital Supply) the above mentioned relation
can be ignored if VDC load < 50mA and if the filtering capacitor on VDC < 100uF.
If VDD is not forced to 5V, the Digital I/Os are internally supplied at 3.3 V and if VDD load <
50mA and the filtering capacitor on VDD < 100uF the second relation can be ignored .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com