Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 22Page - STMicroelectronics ST7540 Datasheet HTML 23Page - STMicroelectronics ST7540 Datasheet HTML 24Page - STMicroelectronics ST7540 Datasheet HTML 25Page - STMicroelectronics ST7540 Datasheet HTML 26Page - STMicroelectronics ST7540 Datasheet HTML 27Page - STMicroelectronics ST7540 Datasheet HTML 28Page - STMicroelectronics ST7540 Datasheet HTML 29Page - STMicroelectronics ST7540 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Functional description
ST7540
26/44
Figure 14. CD_PD Timing during RX
Figure 15. Receiving path block diagram
6.7
Transmission mode
The transmission mode is set when RxTx Pin =”0” and REG_DATA Pin =”0”. In transmitting
mode the FSK Modulator and the Power Line Interface are turned ON. The transmit Data
(TxD) enter synchronously or asynchronously to the FSK modulator.
●
Synchronous Mains access: on CLR/T rising edge, TxD Line Value is read and sent to
the FSK Modulator. ST7540 manages the Transmission timing according to the
BaudRate Selected
●
Asynchronous Mains access: TxD data enter directly to the FSK Modulator.The Host
Controller manages the Transmission timing
In both conditions no Protocol Bits are added by ST7540.
The FSK frequencies are synthesized in the FSK modulator from a 16 MHz crystal oscillator
by direct digital synthesis technique. The frequencies Table in different Configuration is
reported in Table 8. The frequencies precision is same as external crystal one’s.
TDCD
TCD
CD_PD
RX_IN
D03IN1418
TDCD
TCD
RxD (UART/SPI="1")
demodulation active on RxD pin
RxD (UART/SPI="0")
noise demodulated
noise demodulated
Low Pass
Band Pass
PRE-FILTER
IF FILTER
FSK
DEMODULATOR
DIGITAL
FILTER
MIXER
CARRIER/
PREAMBLE
DETECTION
AGC
GAIN
CONTROL
LOCAL
OSC
25
Bit 23
Bits 0 -2
Bits 3-4 &14
Bits 0-2
RX_IN
Bits 9-10
Bits 12-13 & 22
Carrier Detection
4
RxD
8
CLR/T
1
CD_PD
7
BU/THERM
PLL
Bits 3-4
Low Pass
BAND
IN
USE
Bits 3-4 & 22
Band Pass
CHANNEL
FILTER
Band Pass
D03IN1419
HEADER
RECOGN.
Bits 18-21 &
24-47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com