Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7540 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 5 Page - STMicroelectronics

  ST7540 Datasheet HTML 1Page - STMicroelectronics ST7540 Datasheet HTML 2Page - STMicroelectronics ST7540 Datasheet HTML 3Page - STMicroelectronics ST7540 Datasheet HTML 4Page - STMicroelectronics ST7540 Datasheet HTML 5Page - STMicroelectronics ST7540 Datasheet HTML 6Page - STMicroelectronics ST7540 Datasheet HTML 7Page - STMicroelectronics ST7540 Datasheet HTML 8Page - STMicroelectronics ST7540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ST7540
Pin settings
5/44
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection (top view)
2.2
Pin description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CD_PD
REG_DATA
GND
RxD
RxTx
TxD
BU/THERM
CLR/T
VDD
MCLK
RSTO
UART/SPI
WD
PA_IN-
TEST2
TEST1
VDC
RX_IN
CL
Vsense
X2
X1_OSCIN
SVSS
TX_OUT
PA_IN+
VCC
VSS
PA_OUT
Table 1. Pin description
N°
Name
Type
Description
1
CD_PD
Digital/Output
Carrier, preamble or frame header detect output.
"1" No carrier, preamble or frame header detected
"0" Carrier, preamble or frame header detected
2REG_DATA
Digital/Input
with internal pull-down
Mains or control register access selector
"1" - Control register access
"0" - Mains access
3
GND
Supply
Digital ground
4
RxD
Digital/Output
RX data output.
5
RxTx
Digital/Input
with internal pull-up
Rx or Tx mode selection input.
"1" - RX Session
"0" - TX Session
6TxD
Digital/Input
with internal pull-down
TX data input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com