Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFCRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMDS341APFCRG4
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMDS341APFCRG4 Datasheet HTML 2Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 3Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 4Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 5Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 6Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 7Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 8Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 9Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
Z
TMDS Output Stage
Y
HPD output stage
Control Input Stage
OE
HPD_SINK
PRE
S1, S2, S3
Vcc
HPD1
HPD2
HPD3
Vcc
TMDS Input Stage
25
Ω
A
B
Vcc
50
Ω
50
Ω
25
Ω
10 mA
400
Ω
Vcc
SCL/SCA
Source
SCL/SCA
Sink
DDC pass gate
8V
8V
TMDS341A
SLLS702 – MAY 2006
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
TMDS341APFC
TMDS341A
80-PIN TQFP
TMDS341APFCR
TMDS341A
80-PIN TQFP Tape/Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com