Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFCRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMDS341APFCRG4
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMDS341APFCRG4 Datasheet HTML 17Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 18Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 19Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 20Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 21Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 22Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 23Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 24Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
TMDS341A
SLLS702 – MAY 2006
APPLICATION INFORMATION (continued)
Table 2 summarizes the recommended cable lengths based on threshold voltages VIH = 0.7 VDD and VIL = 0.3
VDD.
Table 2. Recommended Cable Lengths Under General Threshold Voltages, 0.7 VDD and 0.3 VDD, of a DDC
Interface
DDC THRESHOLD VOLTAGE, VIH = 0.7 VDD, VIL = 0.3 VDD
TOTAL CABLE LENGTH (m)
SUGGESTED PULL-UP RESISTANCE (k
Ω)
CABLE TYPE
SWITCH BOX Lcable1 + Lcable2
DIGITAL DISPLAY Lcable
28-AWG DVI
11
11
Rupsource = 1.5 kΩ
Rupsink = 47 kΩ
28-AWG HDMI
17
17
Applying the same methodology to the case of VIH = 1.9 V and VIL = 0.7 V, Table 3 summarizes the
recommended cable lengths to meet the timing requirement of the DDC interface.
Table 3. Recommended Cable Lengths Under General Threshold Voltages, 1.9 V and 0.7 V, of a DDC
Interface
DDC THRESHOLD VOLTAGE, VIH = 1.9 V, VIL = 0.7 V
TOTAL CABLE LENGTH (m)
SUGGESTED PULL-UP RESISTANCE (k
Ω)
CABLE TYPE
SWITCH BOX Lcable1 + Lcable2
DIGITAL DISPLAY Lcable
28-AWG DVI
16
16
Rupsource = 1.5 kΩ
Rupsink = 47 kΩ
28-AWG HDMI
24
24
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com