Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFCRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMDS341APFCRG4
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMDS341APFCRG4 Datasheet HTML 16Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 17Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 18Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 19Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 20Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 21Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 22Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 23Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ti.com
DDC Signal Path
TMDS341A
SLLS702 – MAY 2006
APPLICATION INFORMATION (continued)
Figure 36. Eye Diagram at Output 10-m 28-AWG Cable
Figure 37. Eye Diagram Recovered by TMDS341A vs TP2
vs TP2 Eye Mask
Eye Mask
Observed I2C bus voltage is dependent on bus resistance, capacitance, and time. The transient bus voltage,
when charging from a low state to a high state, can be calculated using equation (1).
V(t) = VDD(1 – e
–t/RC)
(1)
Where:
t is the time since the charging started
VDD is the pull-up termination voltage
R is the total resistance on the I2C link
C is the total capacitance on the I2C link
In the I2C bus specification, version 2.1, the high-level threshold voltage is VIH = 0.7 VDD, and the low-level
threshold voltage is VIL = 0.3 VDD.
From equation (1), the times to charge from a bus voltage of 0 V to the VIH and VIL levels are:
tIH = 1.204 × RC
tIL = 0.357 × RC
The bus rise time (from 0.3 VDD to 0.7 VDD) is then given by equation (2):
tr(30-70) = tIH– tIL = 0.847 × RC
(2)
The TMDS341A can be easily applied in stand-alone switch boxes and digital displays. The following sections
show the bus lengths that can be supported in each case.
Maximum Bus Lengths for Switch Applications
Figure 38 shows the TMDS341A being used as a stand-alone switch. Both pull-up resistors are decided by the
source and sink equipment. A 1.5-k
Ω resistor at the source and a 47-kΩ resistor at the sink are recommended.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com