Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFCRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMDS341APFCRG4
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS341APFCRG4 Datasheet HTML 17Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 18Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 19Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 20Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 21Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 22Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 23Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 24Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.ti.com
SDAn
Switch Box
TMDS341A
SDA_Sink
VDDsink
Rupsink
Csink
Ccable2
CO
CI
Ccable1
Csource
VDDsource
Rupsource
Source
Sink
Csource
Sink
TMDS341A
SDA_Sink
SDAn
Source
Ccable
Csink
DVI/HDMI RX
VDDsource
Rupsource
VDDsink
Rupsink
TMDS341A
SLLS702 – MAY 2006
APPLICATION INFORMATION (continued)
Figure 38. DDC Link from Source to Sink With External Switch Box
Rupsource = 1.5-kΩ pull-up to 5 V
Rupsink = 47-kΩ pull-up to 5 V
Rtotal = Rupsource // Rupsink = 1.45 kΩ
Ctotal = Csource // Ccable1 // Ci // Co // Ccable2 // Csink
For standard mode I2C, the frequency is at 100 kHz, and the transition time must be less than 1 µs. The total
allowable capacitance, C
total, is then 814-pF. Csource and Csink are limited by the HDMI specification to 50 pF.
C
i/o for the TMDS341A is 10 pF max. The total capacitance from DVI or HDMI cables, Ccable1 and Ccable2,
should then be less than 704 pF.
Typical capacitance is 200 pF for a 28-AWG 5-m HDMI cable and 300 pF for a 28-AWG 5-m DVI cable. The
recommended total cable length is the length of cable 1, Lcable1, plus the length of cable 2, Lcable2. For a
28-AWG DVI cable, the total cable length is 11 m; and for a 28-AWG HDMI cable, the total cable length is 17
m.
This calculation is applicable to VIH ≤ Vpass.
Maximum Bus Lengths for DTV Applications
Figure 39 shows the TMDS341A being used as a switch in a DTV and being placed on the same PCB board as
the DVI/HDMI receiver. Unlike Figure 38, the output connector of the TMDS341A stand-alone switch and the
input connector of the sink are removed, which results in a lower capacitance in the DDC link and eliminates the
impedance discontinuity. However, the capacitance of the removed connectors is relatively small, relative to the
total allowable capacitance. The results from the previous section Maximum Bus Lengths for Switch Applications
can be reused if the pull-up resistors and capacitances have the same values. The recommended total cable
length is the length from source to sink.
Figure 39. DDC Link From Source to Sink Without External Switch Box
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com