Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFCRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMDS341APFCRG4
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMDS341APFCRG4 Datasheet HTML 5Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 6Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 7Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 8Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 9Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 10Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 11Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 12Page - Texas Instruments TMDS341APFCRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TMDS341A
SLLS702 – MAY 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
TMDS DIFFERENTIAL PINS (Y/Z)
tPLH
Propagation delay time, low-to-high-level output
250
800
ps
tPHL
Propagation delay time, high-to-low-level output
250
800
ps
tr
Differential output signal rise time (20% - 80%)
75
240
ps
tf
Differential output signal fall time (20% - 80%)
75
240
ps
See Figure 2, AVCC = 3.3 V,
RT = 50 Ω, PRE = 0 V
tsk(p)
Pulse skew (|tPHL– tPLH|)
7
50
ps
tsk(D)
Intra-pair differential skew, see Figure 5
23
50
ps
tsk(o)
Inter-pair channel-to-channel output skew(2)
100
ps
tsk(pp)
Part-to-part skew
(3)
200
ps
tjit(pp)
Peak-to-peak output jitter from Y/Z(1) residual jitter
See Figure 8, PRE = 0 V
15
30
ps
Am/Bm = 1.65 Gbps HDMI data pattern,
m = 2, 3, 4
tjit(pp)
Peak-to-peak output jitter from Y/Z(2:4) residual jitter
18
50
ps
A1/B1 = 165 MHz clock
See Figure 4, PRE = VCC
Am/Bm = 250 Mbps HDMI data pattern,
tPRE
De-emphasis duration
240(4)
ps
m = 2, 3, 4
A1/B1 = 25 MHz clock
tSX
Select to switch output
6
10
ns
ten
Enable time
See Figure 6
6
10
ns
tdis
Disable time
6
10
ns
DDC I/O PINS (SCL, SCL_SINK, SDA, SDA_SINK)
Propagation delay from SCLn to SCL_SINK or SDAn to
tpd(DDC)
See Figure 7, CL = 10 pF
0.4
2.5
ns
SDA_SINK or SDA_SINK to SDAn
CONTROL AND STATUS PINS (S, HPD_SINK, HPD)
tpd(HPD)
Propagation delay (from HPD_SINK to the active port of HPD)
2
6.0
ns
See Figure 7, CL = 10 pF
tsx(HPD)
Switch time (from port select to the latest valid status of HPD)
3
6.5
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
tsk(o) is the magnitude of the difference in propagation delay times between any specified terminals of channel 2 to 4 of a device when
inputs are tied together.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of channel 2 to 4 of two devices, or
between channel 1 of two devices, when both devices operate with the same source, the same supply voltages, at the same
temperature, and have identical packages and test circuits.
(4)
The typical value is ensured by simulation.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com