Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6020ACB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6020ACB
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6020ACB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6020ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 10Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 11Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 12Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 13Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HIP6020A
FN4735 Rev 2.00
Page 10 of 16
September 2001
OUT2 Voltage Selection
The AGP regulator output voltage is internally set to 1.5V or
continuously on, based on the status of the SELECT pin.
SELECT pin is internally pulled ‘high’, such that left open, the
standard buck MOSFET will be continuously on, VOUT2 being
equal to the input voltage (3.3V) less any voltage drop across
the MOSFET’s rDS(ON) and output inductor’s DCR. The other
setting available is 1.5V, which can be obtained by grounding
the SELECT pin using a jumper or another suitable method
capable of sinking a few tens of microamperes. The status of
the SELECT pin cannot be changed during operation of the IC
without possibly causing a fault condition.
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error amplifier’s output
of the PWM converters. This generates PHASE pulses of
increasing width that charge the output capacitor(s). After the
output voltage increases to approximately 70% of the set value,
the reference input of the error amplifier is clamped to a voltage
proportional to the SS pin voltage. The resulting output voltages
start-up as shown in Figure 3.
The soft-start function controls the output voltage rate of rise to
limit the current surge at start-up. The soft-start interval and the
surge current are programmed by the soft-start capacitor, CSS.
Programming a faster soft-start interval increases the peak
surge current. The peak surge current occurs during the initial
output voltage rise to 70% of the set value. Using the
recommended 0.1
F soft start capacitor insures all output
voltages ramp up to their set values within 10ms of the input
voltages reaching POR levels.
Shutdown
Neither PWM output switches until the soft-start voltage (VSS)
exceeds the oscillator’s valley voltage. Additionally, the
reference on each linear’s amplifier is clamped to the soft-start
voltage. Holding the SS pin low (with an open drain or open
collector signal) turns off all four regulators.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting impedances
and parasitic circuit elements. The voltage spikes can degrade
efficiency, radiate noise into the circuit, and lead to device
over-voltage stress. Careful component layout and printed
circuit design minimizes the voltage spikes in the converter.
Consider, as an example, the turn-off transition of the upper
MOSFET. Prior to turn-off, the upper MOSFET was carrying
the full load current. During the turn-off, current stops flowing in
the upper MOSFET and is picked up by the lower MOSFET or
Schottky diode. Any inductance in the switched current path
generates a large voltage spike during the switching interval.
Careful component selection, tight layout of the critical
components, and short, wide circuit traces minimize the
magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using a HIP6020A controller. The switching power
components are the most critical because they switch large
amounts of energy, and as such, they tend to generate equally
large amounts of noise. The critical small signal components
are those connected to sensitive nodes or those supplying
critical bypass current.
The power components and the controller IC should be placed
first. Locate the input capacitors, especially the high-frequency
ceramic de-coupling capacitors, close to the power switches.
Locate the output inductor and output capacitors between the
MOSFETs and the load. Locate the PWM controller close to
the MOSFETs.
The critical small signal components include the bypass
capacitor for VCC and the soft-start capacitor, CSS. Locate
these components close to their connecting pins on the control
IC. Minimize any leakage current paths from SS node, since
the internal current source is only 28
A.
A multi-layer printed circuit board is recommended. Figure 7
shows the connections of the critical components in the
converter. Note that the capacitors CIN and COUT each could
represent numerous physical capacitors. Dedicate one solid
layer for a ground plane and make all critical component
ground connections with vias to this layer. Dedicate another
solid layer as a power plane and break this plane into smaller
islands of common voltage levels. The power plane should
support the input power and output power nodes. Use copper
filled polygons on the top and bottom circuit layers for the
PHASE nodes, but do not unnecessarily oversize these
particular islands. Since the PHASE nodes are subjected to
very high dV/dt voltages, the stray capacitor formed between
these islands and the surrounding circuitry will tend to couple
switching noise. Use the remaining printed circuit layers for
small signal wiring. The wiring traces from the control IC to the
MOSFET gate and source should be sized to carry 2A peak
currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com