Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6020ACB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP6020ACB
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6020ACB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP6020ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 10Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 11Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 12Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 13Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 14Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 15Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HIP6020A
FN4735 Rev 2.00
Page 13 of 16
September 2001
Linear Output Capacitors
The output capacitors for the linear regulators provide dynamic
load current. Thus capacitors COUT3 and COUT4 should be
selected for transient load regulation.
PWM Output Inductor Selection
Each PWM converter requires an output inductor. The output
inductor is selected to meet the output voltage ripple
requirements and sets the converter’s response time to a load
transient. Additionally, PWM2 output inductor has to meet the
minimum value criteria for loop stability as described in
paragraph ‘PWM2 Controller Feedback Compensation’. The
inductor value determines the converter’s ripple current and
the ripple voltage is a function of the ripple current. The ripple
voltage and current are approximated by the following
equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values increase
the converter’s response time to a load transient.
One of the parameters limiting the converter’s response to a
load transient is the time required to change the inductor current.
Given a sufficiently fast control loop design, the HIP6020A will
provide either 0% or 100% duty cycle in response to a load
transient. The response time is the time interval required to slew
the inductor current from an initial current value to the post-
transient current level. During this interval the difference
between the inductor current and the transient current level must
be supplied by the output capacitor(s). Minimizing the response
time can minimize the output capacitance required.
The response time to a transient is different for the application
of load and the removal of load. The following equations give
the approximate response time interval for application and
removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. Be sure to check both of
these equations at the minimum and maximum output levels
for the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum input
voltage. The RMS current rating requirement for the input
capacitors of a buck regulator is approximately 1/2 of the
summation of the DC output load current.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance for
the high frequency decoupling and bulk capacitors to supply
the RMS current. Small ceramic capacitors can be placed very
close to the upper MOSFET to suppress the voltage induced in
the parasitic circuit impedances.
For a through-hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX
or equivalent) may be needed. For surface mount designs,
solid tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating.
These capacitors must be capable of handling the surge
current at power-up. The TPS series available from AVX, and
the 593D series from Sprague are both surge current tested.
MOSFET Selection/Considerations
The HIP6020A requires 5 external transistors. Three
N-Channel MOSFETs are employed by the PWM converters.
The GTL and memory linear controllers can each drive a
MOSFET or a NPN bipolar as a pass transistor. All these
transistors should be selected based upon rDS(ON), current
gain, saturation voltages, gate supply requirements, and
thermal management considerations.
PWM1 MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the dominant
design factors. The power dissipation includes two loss
components; conduction loss and switching loss. These losses
are distributed between the upper and lower MOSFETs according
to the duty factor. The conduction losses are the main component
of power dissipation for the lower MOSFETs. Only the upper
MOSFET has significant switching losses, since the lower device
turns on and off into near zero voltage.
The equations presented assume linear voltage-current
transitions and do not model power loss due to the reverse
recovery of the lower MOSFET’s body diode. The gate charge
losses are dissipated by the HIP6020A and don't heat the
MOSFETs. However, large gate-charge increases the
switching time, tSW, which increases the upper MOSFET
switching losses. Ensure that both MOSFETs are within their
maximum junction temperature at high ambient temperature by
calculating the temperature rise according to package thermal
resistance specifications. A separate heatsink may be
necessary depending upon MOSFET power, package type,
ambient temperature and air flow.
I
VIN VOUT
FS L
--------------------------------
VOUT
VIN
----------------
=
VOUT
I
ESR
=
tRISE
LO ITRAN
VIN VOUT
--------------------------------
=
tFALL
LO ITRAN
VOUT
-------------------------------
=
PUPPER
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FS
2
----------------------------------------------------
+
=
PLOWER
IO
2
rDS ON

VIN VOUT

VIN
---------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com