Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6020ACB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP6020ACB
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6020ACB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP6020ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 10Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 11Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 12Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 13Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 14Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HIP6020A
FN4735 Rev 2.00
Page 11 of 16
September 2001
PWM1 Controller Feedback Compensation
Both PWM controllers use voltage-mode control for output
regulation. This section highlights the design consideration for
a voltage-mode controller requiring external compensation.
Apply these methods and considerations only to the
synchronous PWM controller. The considerations for the
standard PWM controller are presented separately.
Figure 11 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage (VOUT)
is regulated to the Reference voltage level. The reference voltage
level is the DAC output voltage (DACOUT) for PWM1. The error
amplifier output (VE/A) is compared with the oscillator (OSC)
triangular wave to provide a pulse-width modulated wave with an
amplitude of VIN at the PHASE node. The PWM wave is
smoothed by the output filter (LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC Gain,
given by VIN/VOSC, and shaped by the output filter, with a
double pole break frequency at FLC and a zero at FESR.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier (internal
to the HIP6020A) and the impedance networks ZIN and ZFB. The
goal of the compensation network is to provide a closed loop
transfer function with high 0dB crossing frequency (f0dB) and
adequate phase margin. Phase margin is the difference between
the closed loop phase at f0dB and 180degrees The equations
below relate the compensation network’s poles, zeros and gain to
the components (R1, R2, R3, C1, C2, and C3) in Figure 8. Use
these guidelines for locating the poles and zeros of the
compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth
2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC)
3. Place 2ND Zero at Filter’s Double Pole
4. Place 1ST Pole at the ESR Zero
5. Place 2ND Pole at Half the Switching Frequency
6. Check Gain against Error Amplifier’s Open-Loop Gain
7. Estimate Phase Margin - Repeat if Necessary
Compensation Break Frequency Equations
Figure 9 shows an asymptotic plot of the DC-DC converter’s gain
vs. frequency. The actual Modulator Gain has a high gain peak
dependent on the quality factor (Q) of the output filter, which is not
shown in Figure 9. Using the above guidelines should yield a
Compensation Gain similar to the curve plotted. The open loop
error amplifier gain bounds the compensation gain. Check the
compensation gain at FP2 with the capabilities of the error
FIGURE 7. PRINTED CIRCUIT BOARD POWER PLANES AND
ISLANDS
VOUT1
Q1
Q2
Q3
Q4
CSS
+12V
CVCC
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT1
COUT1
CR1
HIP6020A
CIN
COUT2
VOUT2
VOUT3
+5VIN
SS
PGND
LGATE1
UGATE1
PHASE1
DRIVE3
PHASE2
KEY
LOUT2
GND
VCC
UGATE2
OCSET1
OCSET2
ROCSET1
ROCSET2
COCSET1
COCSET2
VOUT4
DRIVE4
+3.3VIN
LIN
CR2
Q5
COUT3
COUT4
FLC
1
2
LO CO
----------------------------------------
=
FESR
1
2
 ESR CO
-----------------------------------------
=
FIGURE 8. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
DACOUT
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
HIP6020A
ZIN
COMP
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
FZ1
1
2
 R
 2C1
-----------------------------------
=
FZ2
1
2
R1 R3
+
 C3
-------------------------------------------------------
=
FP1
1
2
 R2
C1 C2
C1 C2
+
----------------------


-------------------------------------------------------
=
FP2
1
2
 R
 3C3
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com