Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6020ACB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP6020ACB
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6020ACB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP6020ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 10Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 11Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 12Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 13Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 14Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 15Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
HIP6020A
FN4735 Rev 2.00
Page 14 of 16
September 2001
The rDS(ON) is different for the two equations above even if the
same device is used for both. This is because the gate drive
applied to the upper MOSFET is different than the lower
MOSFET. Figure 10 shows the gate drive where the upper
MOSFET’s gate-to-source voltage is approximately VCC less
the input supply. For +5V main power and +12VDC for the bias,
the gate-to-source voltage of Q1 is 7V. The lower gate drive
voltage is +12VDC. A logic-level MOSFET is a good choice for
Q1 and a logic-level MOSFET can be used for Q2 if its absolute
gate-to-source voltage rating exceeds the maximum voltage
applied to VCC.
Rectifier CR1 is a clamp that catches the negative inductor
swing during the dead time between the turn off of the lower
MOSFET and the turn on of the upper MOSFET. The diode
must be a Schottky type to prevent the lossy parasitic MOSFET
body diode from conducting. It is acceptable to omit the diode
and let the body diode of the lower MOSFET clamp the negative
inductor swing, but efficiency could drop, in some cases, one or
two percent as a result. The diode's rated reverse breakdown
voltage must be greater than the maximum input voltage.
PWM2 MOSFET and Schottky Selection
The power dissipation in PWM2 converter is similar to PWM1
except that the power losses of the lower device are taking
place in a Schottky instead of a MOSFET. The power losses of
PWM2 converter are distributed between the upper MOSFET
and the Schottky. The following equations describe an
approximation of this distribution and assume a linear voltage-
current switching transitions.
For the fully on option (SELECT pin high) selection of the
MOSFET is based on the voltage budget available to this
regulator. Since the MOSFET is operated as a switch, its own
rDS(ON) is bound by the maximum voltage drop allowable
across it at the maximum output current.
Where
rDS(ON)max - maximum allowed MOSFET rDS(ON)
DCR - output inductor DC resistance
In applications where both output settings could be engaged
(both 1.5V and fully on MOSFET) it is recommended the
MOSFET meets criteria outlined for the PWM operation as well
as the fully on operation.
Linear Controllers Transistor Selection
The HIP6020A linear controllers are compatible with both NPN
bipolar as well as N-Channel MOSFET transistors. The main
criteria for selection of pass transistors for the linear regulators
is package selection for efficient removal of heat. The power
dissipated in a linear regulator is
Select a package and heatsink that maintains the junction
temperature below the maximum desired temperature with the
maximum expected ambient temperature.
When selecting bipolar NPN transistors for use with the linear
controllers, insure the current gain at the given operating VCE
is sufficiently large to provide the desired output load current
when the base is fed with the minimum driver output current.
FIGURE 10. UPPER GATE DRIVE - DIRECT VCC DRIVE
+12V
PGND
HIP6020A
GND
LGATE
UGATE
PHASE
VCC
+5V OR LESS
NOTE:
NOTE:
VGS VCC
Q1
Q2
+
-
VGS VCC -5V
CR1
PMOS
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FS
2
----------------------------------------------------
+
=
PSCH
IO Vf
VIN VOUT

VIN
-------------------------------------------------------------
=
rDS ON
max
VIN DCR IOUT

IOUT
----------------------------------------------------
=
PLINEAR
IO VIN VOUT

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com