Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6020ACB Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP6020ACB
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6020ACB Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP6020ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 10Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 11Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 12Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 13Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 14Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 15Page - Renesas Technology Corp HIP6020ACB Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HIP6020A
FN4735 Rev 2.00
Page 12 of 16
September 2001
amplifier. The Closed Loop Gain is constructed on the log-log
graph of Figure 9 by adding the Modulator Gain (in dB) to the
Compensation Gain (in dB). This is equivalent to multiplying the
modulator transfer function to the compensation transfer function
and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than
45 degrees. Include worst case component variations when
determining phase margin.
PWM2 Controller Feedback Compensation
To reduce the number of external small-signal components
required by a typical application, the standard PWM controller
is internally stabilized. The only stability criteria that needs to
be met relates the minimum value of the output inductor to the
equivalent ESR of the output capacitor bank, as shown in the
following equation:
where
LOUT(MIN) - minimum output inductor value at full output
current
ESROUT - equivalent ESR of the output capacitor bank
BW - desired converter bandwidth (not to exceed 0.25 to 0.30
of the switching frequency)
The design procedure for this output should follow the
following steps:
1. Choose number and type of output capacitors to meet the
output transient requirements based on the dynamic
loading characteristics of the output.
2. Determine the equivalent ESR of the output capacitor bank
and calculate minimum output inductor value.
3. Verify that chosen inductor meets this minimum value criteria
(at full output load). As inductors tend to saturate as the current
increases, it is recommended the chosen output inductor be
no more than 30% saturated at full output load.
Oscillator Synchronization
The PWM controllers use a triangle wave for comparison with
the error amplifier output to provide a pulse-width modulated
signal. Should the output voltage of the two converters be
programmed close to each other, then cross-talk between the
converters could cause non-uniform PHASE pulse-widths and
increased output voltage ripple. The HIP6020A avoids this
problem by appropriately synchronizing the two converters for
1.5V AGP output voltage setting. Thus, for core output voltage
settings less than 2.4V, PWM1 operates out of phase with
PWM2.
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general the output capacitors should be
selected to meet the dynamic regulation requirements.
Additionally, the PWM converters require an output capacitor
to filter the current ripple. The load transient for the
microprocessor core requires high quality capacitors to supply
the high slew rate (di/dt) current demands.
PWM Output Capacitors
Modern microprocessors produce transient load rates above
1A/ns. High frequency capacitors initially supply the transient
current and slow the load rate-of-change seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (effective series resistance) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for switching-
regulator applications for the bulk capacitors. The bulk
capacitor’s ESR determines the output ripple voltage and the
initial voltage drop following a high slew-rate transient’s edge.
An aluminum electrolytic capacitor’s ESR value is related to the
case size with lower ESR available in larger case sizes.
However, the equivalent series inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient loading.
Unfortunately, ESL is not a specified parameter. Work with your
capacitor supplier and measure the capacitor’s impedance with
frequency to select a suitable component. In most cases,
multiple electrolytic capacitors of small case size perform better
than a single large case capacitor.
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
MODULATOR
GAIN
FIGURE 9. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP
GAIN
20
VIN
VPP
–
------------------



log
20
R2
R1
--------


log
LOUT MIN

ESROUT 10
1.75
2
BW
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com