Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844246DI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS844246DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844246DI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS844246DI Datasheet HTML 7Page - Renesas Technology Corp ICS844246DI Datasheet HTML 8Page - Renesas Technology Corp ICS844246DI Datasheet HTML 9Page - Renesas Technology Corp ICS844246DI Datasheet HTML 10Page - Renesas Technology Corp ICS844246DI Datasheet HTML 11Page - Renesas Technology Corp ICS844246DI Datasheet HTML 12Page - Renesas Technology Corp ICS844246DI Datasheet HTML 13Page - Renesas Technology Corp ICS844246DI Datasheet HTML 14Page - Renesas Technology Corp ICS844246DI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ICS844246DI Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER w/FANOUT BUFFER
ICS844246DGI REVISION A NOVEMBER 28, 2012
11
©2012 Integrated Device Technology, Inc.
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
Outputs:
LVDS Outputs
All unused LVDS output pairs can be either left floating or terminated
with 100
 across. If they are left floating, there should be no trace
attached.
LVDS Driver Termination
For a general LVDS interface, the recommended value for the
termination impedance (ZT) is between 90 and 132. The actual
value should be selected to match the differential impedance (Z0) of
your transmission line. A typical point-to-point LVDS design uses a
100
 parallel resistor at the receiver and a 100 differential
transmission-line environment. In order to avoid any transmission-
line reflection issues, the components should be surface mounted
and must be placed as close to the receiver as possible. IDT offers a
full line of LVDS compliant devices with two types of output structures:
current source and voltage source. The standard termination
schematic as shown in Figure 2A can be used with either type of
output structure. Figure 2B, which can also be used with both output
types, is an optional termination with center tap capacitance to help
filter common mode noise. The capacitor value should be
approximately 50pF. If using a non-standard termination, it is
recommended to contact IDT and confirm if the output structure is
current source or voltage source type. In addition, since these outputs
are LVDS compatible, the input receiver’s amplitude and
common-mode input range should be verified for compatibility with
the output.
LVDS Termination
LVDS
Driver
LVDS
Driver
LVDS
Receiver
LVDS
Receiver
ZT
C
ZO  ZT
ZO  ZT
ZT
2
ZT
2
Figure 2A. Standard Termination
Figure 2B. Optional Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com