Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844246DI Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS844246DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844246DI Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS844246DI Datasheet HTML 13Page - Renesas Technology Corp ICS844246DI Datasheet HTML 14Page - Renesas Technology Corp ICS844246DI Datasheet HTML 15Page - Renesas Technology Corp ICS844246DI Datasheet HTML 16Page - Renesas Technology Corp ICS844246DI Datasheet HTML 17Page - Renesas Technology Corp ICS844246DI Datasheet HTML 18Page - Renesas Technology Corp ICS844246DI Datasheet HTML 19Page - Renesas Technology Corp ICS844246DI Datasheet HTML 20Page - Renesas Technology Corp ICS844246DI Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ICS844246DI Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER w/FANOUT BUFFER
ICS844246DGI REVISION A NOVEMBER 28, 2012
17
©2012 Integrated Device Technology, Inc.
Package Outline and Package Dimensions
Package Outline - G Suffix for 24 Lead TSSOP, E-Pad
Table 9. Package Dimensions for 24 Lead TSSOP, E-Pad)
Reference Document: JEDEC Publication 95, MO-153
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
24
A
1.10
A1
0.05
0.15
A2
0.85
0.900.95
b
0.19
0.30
b1
0.19
0.22
0.25
c
0.09
0.20
c1
0.09
0.127
0.16
D
7.70
7.90
E
6.40 Basic
E1
4.30
4.40
4.50
e
0.65 Basic
L
0.50
0.60
0.70
P
5.0
5.5
P1
3.0
3.2
0°
8°

0.076
bbb
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com