Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844246DI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS844246DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844246DI Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS844246DI Datasheet HTML 1Page - Renesas Technology Corp ICS844246DI Datasheet HTML 2Page - Renesas Technology Corp ICS844246DI Datasheet HTML 3Page - Renesas Technology Corp ICS844246DI Datasheet HTML 4Page - Renesas Technology Corp ICS844246DI Datasheet HTML 5Page - Renesas Technology Corp ICS844246DI Datasheet HTML 6Page - Renesas Technology Corp ICS844246DI Datasheet HTML 7Page - Renesas Technology Corp ICS844246DI Datasheet HTML 8Page - Renesas Technology Corp ICS844246DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATA SHEET
ICS844246DGI REVISION A NOVEMBER 28, 2012
1
©2012 Integrated Device Technology, Inc.
FemtoClock® Crystal-to-LVDS Frequency
Synthesizer w/Integrated Fanout Buffer
ICS844246DI
General Description
The ICS844246DI is a Crystal-to-LVDS Clock Synthesizer/Fanout
Buffer designed for Fibre Channel frequencies and Gigabit Ethernet
applications. The output frequency can be set using the frequency
select pins and a 25MHz crystal for Ethernet frequencies, or a
26.5625MHz crystal for a Fibre Channel. The low phase noise
characteristics of the ICS844246DI make it an ideal clock for these
demanding applications.
Features
• Six LVDS output pairs
• Crystal oscillator interface
• Output frequency range: 53.125MHz to 333.3333MHz
• Crystal input frequency range: 25MHz to 33.333MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.416ps (typical)
• Full 3.3V or mixed 3.3V core, 2.5V output supply modes
• -40°C to 85°C ambientoperating temperature
• Available in lead-free (RoHS 6) package
Select Function Table
Inputs
Function
FB_SEL
N_SEL1
N_SEL0
M Divide
N Divide
M/N
000
20
2
10
001
20
4
5
010
20
5
4
0
1
1
20
8
2.5 (default)
100
24
3
8
101
24
4
6
110
24
6
4
1
1
1
24
12
2
Block Diagram
OSC
PLL
M
Feedback
Divider
1
0
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
XTAL_IN
XTAL_OUT
PLL_BYPASS
FB_SEL
N_SEL0
Pullup
Pullup
Pullup
Pulldown
N_SEL1
N
Output
Divider
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VDDO
Q3
VDDO
VDDA
nQ3
nQ2
Q4
Q2
nQ4
nQ1
Q5
Q1
nQ5
nQ0
N_SEL1
N_SEL0
VDD
XTAL_OUT
FB_SEL
XTAL_IN
Q0
GND
PLL_BYPASS
GND
ICS844246DI
24-Lead TSSOP, E-Pad
4.4mm x 7.8mm x 0.925
mm
package body
G Package
Top View
Pin Assignment


Similar Part No. - ICS844246DI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS844246D RENESAS-ICS844246D Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
OCTOBER 20, 2011
More results

Similar Description - ICS844246DI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 ICST-ICS844256 Datasheet
213Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
84427 IDT-84427 Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
logo
Renesas Technology Corp
84427 RENESAS-84427 Datasheet
400Kb / 17P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
5/6/15
ICS844246D RENESAS-ICS844246D Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
OCTOBER 20, 2011
ICS844256D RENESAS-ICS844256D Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
AUGUST 5, 2010
ICS844256DI RENESAS-ICS844256DI Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
AUGUST 5, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com