Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844246DI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS844246DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844246DI Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS844246DI Datasheet HTML 1Page - Renesas Technology Corp ICS844246DI Datasheet HTML 2Page - Renesas Technology Corp ICS844246DI Datasheet HTML 3Page - Renesas Technology Corp ICS844246DI Datasheet HTML 4Page - Renesas Technology Corp ICS844246DI Datasheet HTML 5Page - Renesas Technology Corp ICS844246DI Datasheet HTML 6Page - Renesas Technology Corp ICS844246DI Datasheet HTML 7Page - Renesas Technology Corp ICS844246DI Datasheet HTML 8Page - Renesas Technology Corp ICS844246DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ICS844246DI Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER w/FANOUT BUFFER
ICS844246DGI REVISION A NOVEMBER 28, 2012
2
©2012 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
VDDO
Power
Output supply pins.
3, 4
nQ2, Q2
Output
Differential output pair. LVDS interface levels.
5, 6
nQ1, Q1
Output
Differential output pair. LVDS interface levels.
7, 8
nQ0, Q0
Output
Differential output pair. LVDS interface levels.
9
PLL_BYPASS
Input
Pullup
Selects between the PLL and crystal inputs as the input to the dividers.
When LOW, selects PLL. When HIGH, bypasses the PLL.
LVCMOS / LVTTL interface levels.
10
VDDA
Power
Analog supply pin.
11
VDD
Power
Core supply pin.
12
FB_SEL
Input
Pulldown
Feedback frequency select pin. LVCMOS/LVTTL interface levels.
13
14
XTAL_IN,
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input. XTAL_OUT is the output.
15, 18
N_SEL0,
N_SEL1
Input
Pullup
Output frequency select pin. LVCMOS/LVTTL interface levels.
16, 17
GND
Power
Power supply ground.
19, 20
nQ5, Q5
Output
Differential output pair. LVDS interface levels.
21, 22
nQ4, Q4
Output
Differential output pair. LVDS interface levels.
23, 24
nQ3, Q3
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com