Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844246DI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS844246DI
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844246DI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS844246DI Datasheet HTML 8Page - Renesas Technology Corp ICS844246DI Datasheet HTML 9Page - Renesas Technology Corp ICS844246DI Datasheet HTML 10Page - Renesas Technology Corp ICS844246DI Datasheet HTML 11Page - Renesas Technology Corp ICS844246DI Datasheet HTML 12Page - Renesas Technology Corp ICS844246DI Datasheet HTML 13Page - Renesas Technology Corp ICS844246DI Datasheet HTML 14Page - Renesas Technology Corp ICS844246DI Datasheet HTML 15Page - Renesas Technology Corp ICS844246DI Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ICS844246DI Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER w/FANOUT BUFFER
ICS844246DGI REVISION A NOVEMBER 28, 2012
12
©2012 Integrated Device Technology, Inc.
EPAD Thermal Release Path
In order to maximize both the removal of heat from the package and
the electrical performance, a land pattern must be incorporated on the
Printed Circuit Board (PCB) within the footprint of the package
corresponding to the exposed metal pad or exposed heat slug on the
package, as shown in Figure 3. The solderable area on the PCB, as
defined by the solder mask, should be at least the same size/shape
as the exposed pad/slug area on the package to maximize the
thermal/electrical performance. Sufficient clearance should be
designed on the PCB between the outer edges of the land pattern and
the inner edges of pad pattern for the leads to avoid any shorts.
While the land pattern on the PCB provides a means of heat transfer
and electrical grounding from the package to the board through a
solder joint, thermal vias are necessary to effectively conduct from the
surface of the PCB to the ground plane(s). The land pattern must be
connected to ground through these vias. The vias act as “heat pipes”.
The number of vias (i.e. “heat pipes”) are application specific and
dependent upon the package power dissipation as well as electrical
conductivity requirements. Thus, thermal and electrical analysis
and/or testing are recommended to determine the minimum number
needed. Maximum thermal and electrical performance is achieved
when an array of vias is incorporated in the land pattern. It is
recommended to use as many vias connected to ground as possible.
It is also recommended that the via diameter should be 12 to 13mils
(0.30 to 0.33mm) with 1oz copper via barrel plating. This is desirable
to avoid any solder wicking inside the via during the soldering process
which may result in voids in solder between the exposed pad/slug and
the thermal land. Precautions should be taken to eliminate any solder
voids between the exposed heat slug and the land pattern. Note:
These recommendations are to be used as a guideline only. For
further information, refer to the Application Note on the Surface Mount
Assembly of Amkor’s Thermally/Electrically Enhance Leadframe
Base Package, Amkor Technology.
Figure 3. Assembly for Exposed Pad Thermal Release Path - Side View (drawing not to scale)
GROUND PLANE
LAND PATTERN
SOLDER
THERMAL VIA
EXPOSED HEAT SLUG
(GROUND PAD)
PIN
PIN PAD
SOLDER
PIN
PIN PAD
SOLDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com