Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FUG/AM Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HTMS1301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FUG/AM Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HTMS1301FUG/AM Datasheet HTML 19Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 20Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 21Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 22Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 23Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 24Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 25Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 26Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
23 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.3 INVENTORY
Upon reception of this command without error, all transponder ICs in the ready state shall
perform the anticollision sequence. The inventory (INV) flag shall be set to '1'. The NOS
flag determines whether 1 or 16 slots are used.
If AFI flag is set to ’1’ the transponder handles the request as error.
If a transponder IC detects any error, it shall remain silent.
[1]
Error and CRC are Manchester coded, UII is dual pattern coded.
[2]
Response within the according time slot.
Error Flag set to ’0’ indicates no error.
14.4 STAY QUIET
Upon reception of this command without error, a transponder IC in either ready state or
selected state enters the quiet state and shall not send back a response.
The STAY QUIET command with both SEL and ADR flag set to '0' or both set to '1' is not
allowed.
There is no response to the STAY QUIET request, even if the transponder detects an
error.
Table 14.
INVENTORY - Request format (00h)
Flags
Command
Mask length
Mask value
CRC-16
Description
5
6
6
n
(16)
No. of bits
10(1)10
000000
0
≤ n ≤ UII length
UII Mask
AC with 1
timeslot
00(1)10
000000
0
≤ n ≤ UII length
UII Mask
AC with 16
timeslot
Table 15.
Response to a successful INVENTORY request [1][2]
Error Flag
Data
CRC-16
Description
1
48 - n
(16)
No. of bits
0
Remaining UII without mask value
Table 16.
STAY QUIET - request format(01h)
Flags
Command
Data
CRC-16
Description
5
6
(48)
(16)
No. of bits:
01(1)00
000001
-
without UII
10(1)00
000001
UII
with UII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com