Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FUG/AM Datasheet(PDF) 28 Page - NXP Semiconductors

Part # HTMS1301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FUG/AM Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button HTMS1301FUG/AM Datasheet HTML 24Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 25Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 26Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 27Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 28Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 29Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 30Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 31Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
28 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.8 LOCK BLOCK
Upon reception of this command without error, the transponder IC is write locking the
requested block (block size = 32-bit) permanently.
Blocks within the block address range from 00h to 18h as well as FEh and FFh can be
locked individually.
A LOCK BLOCK command with a block number value between 19h to 36h will lock all
blocks within the block address range 19h to 36h.
In case a password is applied to the memory a lock is only possible after a successful
login.
Error Flag set to ’0’ indicates no error.
Table 25.
LOCK BLOCK - request format (16h)
Flags
Command
Data 1
Data 2
CRC-16
Description
5
6
(48)
8
(16)
No. of bits
00(1)00
010110
-
block number
without UII
in READY
state
10(1)00
010110
UII
block number
with UII
01(1)00
010110
-
block number
without UII
in
SELECTED
state
Table 26.
Response to a successful LOCK BLOCK request
Error flag
CRC-16
Description
1
(16)
No. of bits
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com