Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FUG/AM Datasheet(PDF) 33 Page - NXP Semiconductors

Part # HTMS1301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FUG/AM Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button HTMS1301FUG/AM Datasheet HTML 29Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 30Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 31Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 32Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 33Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 34Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 35Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 36Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
33 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
16. Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any conditions other than those described in the Operating Conditions and Electrical
Characteristics section of this specification is not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions should be taken to avoid applying values greater than the rated
maxima
17. Characteristics
[1]
Typical ratings are not guaranteed. Values are at 25
°C
.
[2]
Measured with an HP4285A LCR meter at 125 kHz/room temperature (25
°C)
[3]
Integrated Resonance Capacitor: 210pF
±3%
[4]
Integrated Resonance Capacitor: 280pF
±5%
Table 33.
Limiting values[1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
−55
+125
°C
VESD
electrostatic discharge voltage
JEDEC JESD 22-A114-AB
Human Body Model
±2-
kV
Ii(max)
maximum input current
IN1-IN2
−±20
mApeak
Tj
junction temperature
−40
+85
°C
Table 34.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
foper
operating frequency
100
125
150
kHz
VIN1-IN2
input voltage
456Vpeak
II
input current
IN1-IN2
-
-
±10
mApeak
Ci
input capacitance between
IN1-IN2
VIN1-IN2 = 0.5 Vrms
[2][3]
203.7
210
216.3
pF
Ci
input capacitance between
IN1-IN2
VIN1-IN2 = 0.5 Vrms
[2][4]
266
280
294
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com