Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FUG/AM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HTMS1301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FUG/AM Datasheet(HTML) 1 Page - NXP Semiconductors

  HTMS1301FUG/AM Datasheet HTML 1Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 2Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 3Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 4Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 5Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 6Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 7Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 8Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1. General description
The HITAG product line is well known and established in the contactless identification
market.
Due to the open marketing strategy of NXP Semiconductors there are various
manufacturers well established for both the transponders/cards as well as the read/write
devices. All of them supporting HITAG 1, HITAG 2 and HITAG S transponder ICs.
With the new HITAG µ family, this existing infrastructure is extended with the next
generation of ICs being substantially smaller in mechanical size, lower in cost, offering
more operation distance and speed, but still being operated with the same reader
infrastructure and transponder manufacturing equipment.
The protocol and command structure for HITAG µ ISO 18000 is design to support Reader
Talks First (RTF) operation, including anti-collision algorithm.
2. Features and benefits
2.1 Features
Integrated circuit for contactless identification transponders and cards
Integrated resonance capacitor of 210 pF with
± 3% tolerance or 280 pF with ± 5%
tolerance over full production
Frequency range 100 kHz to 150 kHz
2.2 Protocol
Modulation read/write device
→ transponder: 100 % ASK and binary pulse length
coding
Modulation transponder
→ read/write device: Strong ASK modulation with
anti-collision, Manchester coding
Fast anti-collision protocol
Data integrity check (CRC)
Reader Talks First (RTF) Mode
Data rate read/write device to transponder: 5.2 kbit/s
Data rates transponder to read/write device: 4 kbit/s
HITAG µ
ISO 18000 transponder IC
Rev. 3.0 — 18 March 2010
184430
Product data sheet
PUBLIC


Similar Part No. - HTMS1301FUG/AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTMS1x01 NXP-HTMS1x01 Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
More results

Similar Description - HTMS1301FUG/AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
Entry Transponder IC
TMS37C136 TI-TMS37C136 Datasheet
59Kb / 1P
Controller Entry Transponder IC
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL152H TI1-RF430FRL152H Datasheet
1Mb / 53P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
Transponder Base Station IC
logo
NXP Semiconductors
HT1X NXP-HT1X Datasheet
132Kb / 9P
HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HT2X NXP-HT2X Datasheet
122Kb / 9P
HITAG 2 transponder IC
Rev. 3.1-3 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com