Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1301FUG/AM Datasheet(PDF) 24 Page - NXP Semiconductors

Part # HTMS1301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FUG/AM Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button HTMS1301FUG/AM Datasheet HTML 20Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 21Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 22Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 23Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 24Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 25Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 26Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 27Page - NXP Semiconductors HTMS1301FUG/AM Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
24 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.5 READ UII
Upon reception of this command without error all transponder ICs in the ready state are
sending their UII.
The addressed (ADR), the select (SEL), the inventory (INV) and the (PEXT) flag are set to
'0'.
Error flag set to ’0’ indicates no error.
Table 17.
READ UII - request format (02h)
Flags
Command
CRC-16
Description
5
6
(16)
No. of bits
00(1)00
000010
Table 18.
Response to a successful READ UII request
Error flag
Data
CRC-16
Description
1
48
(16)
No. of bits
0UII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com