Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601ACB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6601ACB
Description  Synchronous Rectified Buck MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601ACB Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6601ACB Datasheet HTML 1Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 2Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT - VPHASE) . . . . . . . . . . . . . . . . . . . . . . .15V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . .VPHASE - 5V(<400ns pulse width) to VBOOT + 0.3V
. . . . . . . . . . . VPHASE - 3.0V(>400ns pulse width) to VBOOT + 0.3V
LGATE . . . . . . . . . GND - 5V(<400ns pulse width) to VPVCC + 0.3V
. . . . . . . . . . . . . . GND - 3.0V(>400ns pulse width) to VPVCC + 0.3V
PHASE. . . . . . . . . . . . . . . . . .GND - 5V(<400ns pulse width) to 15V
. . . . . . . . . . . . . . . . . . . . . . GND - 0.3V(>400ns pulse width) to 15V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . 3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . .200V
Thermal Resistance
θJA (oC/W) θJC (oC/W)
SOIC Package (Note 1)
97
N/A
EPSOIC Package (Note 2). . . . . . . . . .
38
N/A
QFN Package (Note 2). . . . . . . . . . . . .
48
10
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 85oC
Maximum Operating Junction Temperature . . . . . . . . . . . . . 125oC
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . . . . . . 5V to 12V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
HIP6601A, fPWM = 1MHz, VPVCC = 12V
-
4.4
6.2
mA
HIP6603A, fPWM = 1MHz, VPVCC = 12V
-
2.5
3.6
mA
Upper Gate Bias Current
IPVCC
HIP6601A, fPWM = 1MHz, VPVCC = 12V
-
200
430
µA
HIP6603A, fPWM = 1MHz, VPVCC = 12V
-
1.8
3.3
mA
POWER-ON RESET
VCC Rising Threshold
9.7
9.95
10.4
V
VCC Falling Threshold
9.0
9.2
9.5
V
PWM INPUT
Input Current
IPWM
VPWM = 0 or 5V (See Block Diagram)
-
500
-
µA
PWM Rising Threshold
3.45
3.6
-
V
PWM Falling Threshold
-
1.45
1.55
V
UGATE Rise Time
tRUGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
LGATE Rise Time
tRLGATE
VPVCC = 12V, 3nF Load
-
50
-
ns
UGATE Fall Time
tFUGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
LGATE Fall Time
tFLGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
UGATE Turn-Off Propagation Delay
tPDLUGATE VPVCC = 12V, 3nF Load
-
30
-
ns
LGATE Turn-Off Propagation Delay
tPDLLGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
Shutdown Window
1.4
-
3.6
V
Shutdown Holdoff Time
-
230
-
ns
OUTPUT
Upper Drive Source Impedance
RUGATE
VPVCC = 5V
-
1.7
3.0
Ω
VPVCC = 12V
-
3.0
5.0
Ω
Upper Drive Sink Impedance
RUGATE
VPVCC = 5V
-
2.3
4.0
Ω
VPVCC = 12V
-
1.1
2.0
Ω
Lower Drive Source Current
ILGATE
VPVCC = 5V, HIP6603A
400
580
-
mA
VPVCC = 12V, HIP6603A
500
730
-
mA
VPVCC = 5V or 12V, HIP6601A
500
730
-
mA
Lower Drive Sink Impedance
RLGATE
VPVCC = 5V or 12V
-
1.6
4.0
Ω
HIP6601A, HIP6603A, HIP6604



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com