Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601ACB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP6601ACB
Description  Synchronous Rectified Buck MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601ACB Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP6601ACB Datasheet HTML 1Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 2Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Functional Pin Description
UGATE (Pin 1), (Pin 16 QFN)
Upper gate drive output. Connect to gate of high-side power
N-Channel MOSFET.
BOOT (Pin 2), (Pin 2 QFN)
Floating bootstrap supply pin for the upper gate drive.
Connect the bootstrap capacitor between this pin and the
PHASE pin. The bootstrap capacitor provides the charge to
turn on the upper MOSFET. A resistor in series with boot
capacitor is required in certain applications to reduce ringing
on the BOOT pin. See the Internal Bootstrap Device section
under DESCRIPTION for guidance in choosing the
appropriate capacitor and resistor values.
PWM (Pin 3), (Pin 3 QFN)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation, see the
three-state PWM Input section under DESCRIPTION for further
details. Connect this pin to the PWM output of the controller.
GND (Pin 4), (Pin 4 QFN)
Bias and reference ground. All signals are referenced to this
node.
PGND (Pin 5 QFN Package Only)
This pin is the power ground return for the lower gate driver.
LGATE (Pin 5), (Pin 7 QFN)
Lower gate drive output. Connect to gate of the low-side
power N-Channel MOSFET.
VCC (Pin 6), (Pin 9 QFN)
Connect this pin to a +12V bias supply. Place a high quality
bypass capacitor from this pin to GND.
LVCC (Pin 10 QFN Package Only)
Lower gate driver supply voltage.
PVCC (Pin 7), (Pin 11 QFN)
For the HIP6601A and the HIP6604, this pin supplies the
upper gate drive bias. Connect this pin from +12V down to
+5V.
For the HIP6603A, this pin supplies both the upper and
lower gate drive bias. Connect this pin to either +12V or +5V.
PHASE (Pin 8), (Pin 14 QFN)
Connect this pin to the source of the upper MOSFET and the
drain of the lower MOSFET. The PHASE voltage is
monitored for adaptive shoot-through protection. This pin
also provides a return path for the upper gate drive.
Description
Operation
Designed for versatility and speed, the HIP6601A, HIP6603A
and HIP6604 dual MOSFET drivers control both high-side and
low-side N-Channel FETs from one externally provided PWM
signal.
The upper and lower gates are held low until the driver is
initialized. Once the VCC voltage surpasses the VCC Rising
Threshold (See Electrical Specifications), the PWM signal
takes control of gate transitions. A rising edge on PWM
initiates the turn-off of the lower MOSFET (see Timing
Diagram). After a short propagation delay [tPDLLGATE], the
lower gate begins to fall. Typical fall times [tFLGATE] are
provided in the Electrical Specifications section. Adaptive
shoot-through circuitry monitors the LGATE voltage and
determines the upper gate delay time [tPDHUGATE] based
on how quickly the LGATE voltage drops below 2.2V. This
prevents both the lower and upper MOSFETs from
conducting simultaneously or shoot-through. Once this delay
period is complete the upper gate drive begins to rise
[tRUGATE] and the upper MOSFET turns on.
Timing Diagram
PWM
UGATE
LGATE
tPDLLGATE
tFLGATE
tPDHUGATE
tRUGATE
tPDLUGATE
tFUGATE
tPDHLGATE
tRLGATE
HIP6601A, HIP6603A, HIP6604



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com