Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601ACB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP6601ACB
Description  Synchronous Rectified Buck MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601ACB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP6601ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 10Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Since both upper and lower gate capacitance can vary, Figure 8 shows dissipation curves versus lower gate capacitance with
upper gate capacitance held constant at three different values. These curves apply only to the HIP6601A due to power supply
configuration.
Typical Performance Curves
FIGURE 3. POWER DISSIPATION vs LOADING
FIGURE 4. POWER DISSIPATION vs FREQUENCY (HIP6603A)
FIGURE 5. 3nF LOADING PROFILE (HIP6603A)
FIGURE 6. VARIABLE LOADING PROFILE (HIP6603A)
FIGURE 7. POWER DISSIPATION vs FREQUENCY (HIP6601A)
FIGURE 8. POWER DISSIPATION vs LOWER GATE
CAPACITANCE FOR FIXED VALUES OF UPPER
GATE CAPACITANCE
1000
800
600
400
200
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE (CU = CL) (nF)
0
VCC = PVCC = 12V
FREQUENCY
= 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
VCC = 12V, PVCC = 5V
CU = CL = 2nF
CU = CL = 1nF
CU = CL = 5nF
CU = CL = 4nF
CU = CL = 3nF
VCC = 12V, PVCC = 5V
CU = CL = 3nF
CU = 3nF
CU = 0nF
CL = 0nF
CL = 3nF
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
FREQUENCY = 500kHz
FREQUENCY = 1MHz
VCC = 12V,
FREQUENCY = 200kHz
PVCC = 5V
FREQUENCY = 500kHz
400
300
200
100
0
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE = (CU = CL) (nF)
VCC = 12V, PVCC = 5V
FREQUENCY = 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
1000
600
400
200
0
1.0
2.0
3.0
4.0
5.0
800
GATE CAPACITANCE (CU = CL) (nF)
500
400
300
200
1.02.0
3.04.0
5.0
LOWER GATE CAPACITANCE (CL) (nF)
100
VCC = 12V, PVCC = 5V
FREQUENCY = 500kHz
CU = 5nF
CU = 3nF
CU = 1nF
HIP6601A, HIP6603A, HIP6604



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com