Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6601ACB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6601ACB
Description  Synchronous Rectified Buck MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6601ACB Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6601ACB Datasheet HTML 1Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 2Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6601ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN4884.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
HIP6601A, HIP6603A, HIP6604
Synchronous Rectified Buck MOSFET
Drivers
The HIP6601A, HIP6603A and HIP6604 are high frequency,
dual MOSFET drivers specifically designed to drive two
power N-Channel MOSFETs in a synchronous rectified buck
converter topology. These drivers combined with a HIP63xx
or an ISL65xx Multi-Phase Buck PWM controller form a
complete core-voltage regulator solution for advanced
microprocessors.
The HIP6601A drives the lower gate in a synchronous
rectifier to 12V, while the upper gate can be independently
driven over a range from 5V to 12V. The HIP6603A drives
both upper and lower gates over a range of 5V to 12V. This
drive-voltage flexibility provides the advantage of optimizing
applications involving trade-offs between switching losses
and conduction losses. The HIP6604 can be configured as
either a HIP6601A or a HIP6603A.
The output drivers in the HIP6601A, HIP6603A and HIP6604
have the capacity to efficiently switch power MOSFETs at
frequencies up to 2MHz. Each driver is capable of driving a
3000pF load with a 30ns propagation delay and 50ns
transition time. These products implement bootstrapping on
the upper gate with only an external capacitor required. This
reduces implementation complexity and allows the use of
higher performance, cost effective, N-Channel MOSFETs.
Adaptive shoot-through protection is integrated to prevent
both MOSFETs from conducting simultaneously.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Device
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 8 Lead SOIC and EPSOIC and 16 Lead QFN
Packages
• Dual Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Output Stage Shutdown
• Supply Under Voltage Protection
Applications
• Core Voltage Supplies for Intel Pentium® III, AMD®
Athlon™ Microprocessors
• High Frequency Low Profile DC-DC Converters
• High Current Low Voltage DC-DC Converters
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Pinouts
HIP6601ACB, HIP6603ACB (SOIC)
HIP6601ECB, HIP6603ECB (EPSOIC)
TOP VIEW
HIP6604 (QFN)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
HIP6601ACB
0 to 85
8 Ld SOIC
M8.15
HIP6603ACB
0 to 85
8 Ld SOIC
M8.15
HIP6601ACB-T
8 Ld SOIC Tape and Reel
HIP6603ACB-T
8 Ld SOIC Tape and Reel
HIP6601ECB
0 to 85
8 Ld EPSOIC
M8.15B
HIP6603ECB
0 to 85
8 Ld EPSOIC
M8.15B
HIP6601ECB-T
8 Ld EPSOIC Tape and Reel
HIP6603ECB-T
8 Ld EPSOIC Tape and Reel
HIP6604CR
0 to 85
16 Ld 4x4 QFN L16.4x4
HIP6604CR-T
16 Ld 4x4 QFN Tape and Reel
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
1
3
4
15
NC
BOOT
PWM
GND
16
14
13
2
12
10
9
11
6
57
8
NC
PVCC
LVCC
VCC
Data Sheet
August 2004
OBS
OLET
E PR
ODU
CT
RECO
MME
NDED
REPLA
CEM
ENT
PRO
DUC
T
HIP66
01B,
HIP66
03B


Similar Part No. - HIP6601ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601ACB INTERSIL-HIP6601ACB Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
HIP6601ACB-T INTERSIL-HIP6601ACB-T Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
More results

Similar Description - HIP6601ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
Synchronous Rectified Buck MOSFET Drivers
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
Synchronous Rectified Buck MOSFET Drivers
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com